Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM208EARUZ-REEL1 Datasheet(PDF) 19 Page - Analog Devices

Part # ADM208EARUZ-REEL1
Description  EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM208EARUZ-REEL1 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADM208EARUZ-REEL1 Datasheet HTML 12Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 13Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 14Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 15Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 16Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 17Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 18Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 19Page - Analog Devices ADM208EARUZ-REEL1 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
ADM206E/ADM207E/ADM208E/ADM211E/ADM213E
Rev. E | Page 19 of 20
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM206EAR
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM206EAR-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM206EARZ1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM206EARZ-REEL1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM207EAN
−40°C to +85°C
24-Lead PDIP
N-24-1
ADM207EANZ1
−40°C to +85°C
24-Lead PDIP
N-24-1
ADM207EAR
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM207EAR-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM207EARZ1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM207EARZ-REEL1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM207EARS
−40°C to +85°C
24-Lead SSOP
RS-24
ADM207EARS-REEL
−40°C to +85°C
24-Lead SSOP
RS-24
ADM207EARU
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM207EARU-REEL
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM207EARU-REEL7
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM207EARUZ1
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM207EARUZ-REEL71
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM208EAN
−40°C to +85°C
24-Lead PDIP
N-24-1
ADM208EANZ1
−40°C to +85°C
24-Lead PDIP
N-24-1
ADM208EAR
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM208EAR-REEL
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM208EARZ1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM208EARZ-REEL1
−40°C to +85°C
24-Lead SOIC_W
RW-24
ADM208EARS
−40°C to +85°C
24-Lead SSOP
RS-24
ADM208EARS-REEL
−40°C to +85°C
24-Lead SSOP
RS-24
ADM208EARSZ1
−40°C to +85°C
24-Lead SSOP
RS-24
ADM208EARSZ-REEL1
−40°C to +85°C
24-Lead SSOP
RS-24
ADM208EARU
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM208EARU-REEL
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM208EARU-REEL7
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM208EARUZ1
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM208EARUZ-REEL1
−40°C to +85°C
24-Lead TSSOP
RU-24
ADM211EAR
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM211EAR-REEL
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM211EARZ1
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM211EARZ-REEL1
−40°C to +85°C
28-Lead SOIC_W
RW-28
ADM211EARS
−40°C to +85°C
28-Lead SSOP
RS-28
ADM211EARS-REEL
−40°C to +85°C
28-Lead SSOP
RS-28
ADM211EARSZ1
−40°C to +85°C
28-Lead SSOP
RS-28
ADM211EARSZ-REEL1
−40°C to +85°C
28-Lead SSOP
RS-28
ADM211EARU
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM211EARU-REEL
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM211EARU-REEL7
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM211EARUZ1
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM211EARUZ-REEL1
−40°C to +85°C
28-Lead TSSOP
RU-28
ADM211EARUZ-REEL71
−40°C to +85°C
28-Lead TSSOP
RU-28


Similar Part No. - ADM208EARUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM208EARUZ-REEL1 AD-ADM208EARUZ-REEL1 Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
More results

Similar Description - ADM208EARUZ-REEL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM213EARZ-REEL AD-ADM213EARZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ AD-ADM213EARSZ Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM213EARSZ-REEL AD-ADM213EARSZ-REEL Datasheet
464Kb / 20P
   EMI/EMC-Compliant, 짹15 kV ESDProtected, RS-232 Line Drivers/Receivers
Rev. E
ADM202E AD-ADM202E Datasheet
163Kb / 12P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. 0
ADM202E AD-ADM202E_V01 Datasheet
254Kb / 16P
   EMI/EMC-Compliant, ±15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Rev. C
ADM206E AD-ADM206E Datasheet
204Kb / 16P
   EMI/EMC Compliant, -15 kV ESD Protected, RS-232 Line Drivers/Receivers
REV. B
ADM2023E AD-ADM2023E Datasheet
254Kb / 16P
   EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
REV. C
ADM1181A AD-ADM1181A_15 Datasheet
255Kb / 16P
   RS-232 Line Drivers/Receivers
REV. C
ADM213E AD-ADM213E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
ADM211E AD-ADM211E_15 Datasheet
464Kb / 20P
   RS-232 Line Drivers/Receivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com