Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486AR Datasheet(PDF) 7 Page - Analog Devices

Part # ADM1486AR
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486AR Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM1486AR Datasheet HTML 3Page - Analog Devices ADM1486AR Datasheet HTML 4Page - Analog Devices ADM1486AR Datasheet HTML 5Page - Analog Devices ADM1486AR Datasheet HTML 6Page - Analog Devices ADM1486AR Datasheet HTML 7Page - Analog Devices ADM1486AR Datasheet HTML 8Page - Analog Devices ADM1486AR Datasheet HTML 9Page - Analog Devices ADM1486AR Datasheet HTML 10Page - Analog Devices ADM1486AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM1486
Rev. A | Page 7 of 16
TEST CIRCUITS
VOC
R
R
A
B
VOD
Figure 3. Driver Voltage Measurement
60
VOD3
375
375
VTST
A
B
Figure 4. Driver Voltage Measurement
CL2
CL1
RLDIFF
A
B
Figure 5. Driver Propagation Delay
VCC
RL
S2
VOUT
CL
S1
B
A
0VOR 3V
DE IN
DE
Figure 6. Driver Enable/Disable
CL
VOUT
RE
A
B
Figure 7. Receiver Propagation Delay
VCC
S2
VOUT
RL
CL
+1.5V
–1.5V
S1
RE
RE IN
Figure 8. Receiver Enable/Disable


Similar Part No. - ADM1486AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486AR AD-ADM1486AR Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR AD-ADM1486AR Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results

Similar Description - ADM1486AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com