Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM1486AR-REEL Datasheet(PDF) 1 Page - Analog Devices

Part # ADM1486AR-REEL
Description  5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1486AR-REEL Datasheet(HTML) 1 Page - Analog Devices

  ADM1486AR-REEL Datasheet HTML 1Page - Analog Devices ADM1486AR-REEL Datasheet HTML 2Page - Analog Devices ADM1486AR-REEL Datasheet HTML 3Page - Analog Devices ADM1486AR-REEL Datasheet HTML 4Page - Analog Devices ADM1486AR-REEL Datasheet HTML 5Page - Analog Devices ADM1486AR-REEL Datasheet HTML 6Page - Analog Devices ADM1486AR-REEL Datasheet HTML 7Page - Analog Devices ADM1486AR-REEL Datasheet HTML 8Page - Analog Devices ADM1486AR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
5 V, 0.8 mA PROFIBUS
RS-485 Transceiver
ADM1486
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Meets and exceeds EIA RS-485 and EIA RS-422 standards
30 Mbps data rate
Recommended for PROFIBUS applications
2.1 V minimum differential output with 54 Ω termination
Low power 0.8 mA ICC
Thermal shutdown and short-circuit protection
0.5 ns skew driver and receiver
Driver propagation delay: 11 ns
Receiver propagation delay: 12 ns
High impedance outputs with drivers disabled or power off
Superior upgrade for SN65ALS1176
Available in standard 8-lead SOIC package
APPLICATIONS
Industrial field equipment
GENERAL DESCRIPTION
The ADM1486 is a differential line transceiver suitable for high
speed bidirectional data communication on multipoint bus
transmission lines. It is designed for balanced data transmission,
complies with EIA Standards RS-485 and RS-422, and is recom-
mended for PROFIBUS applications. The part contains a
differential line driver and a differential line receiver. Both the
driver and the receiver may be enabled independently. When
disabled or powered down, the driver outputs are high impedance.
The ADM1486 operates from a single 5 V power supply.
Excessive power dissipation caused by bus contention or output
shorting is prevented by short-circuit protection and thermal
circuitry. Short-circuit protection circuits limit the maximum
output current to ±200 mA during fault conditions. A thermal
shutdown circuit senses if the die temperature rises above
150°C and forces the driver outputs into a high impedance state
under this condition.
Up to 50 transceivers may be connected simultaneously on a
bus, but only one driver should be enabled at a time. Therefore,
it is important that the remaining disabled drivers do not load
the bus.
FUNCTIONAL BLOCK DIAGRAM
ADM1486
R
D
RO
RE
DE
DI
VCC
B
A
GND
8
5
6
7
1
4
3
2
Figure 1.
To ensure this, the ADM1486 driver features high output
impedance when disabled and when powered down. This
minimizes the loading effect when the transceiver is not being
used. The high impedance driver output is maintained over the
entire common-mode voltage range from −7 V to +12 V.
The receiver contains a fail-safe feature that results in a logic
high output state if the inputs are unconnected (floating).
The ADM1486 is fabricated on BiCMOS, an advanced mixed
technology process combining low power CMOS with fast
switching bipolar technology. All inputs and outputs contain
protection against ESD; all driver outputs feature high source
and sink current capability. An epitaxial layer is used to guard
against latch-up.
The ADM1486 features extremely fast and closely matched
switching, enable, and disable times. Minimal driver propaga-
tion delays permit transmission at data rates up to 30 Mbps
while low skew minimizes EMI interference.
The part is fully specified over the commercial and industrial
temperature range and is available in an 8-lead SOIC package.


Similar Part No. - ADM1486AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL AD-ADM1486AR-REEL Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486AR-REEL7 AD-ADM1486AR-REEL7 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486AR-REEL7 AD-ADM1486AR-REEL7 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
More results

Similar Description - ADM1486AR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1486 AD-ADM1486_15 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
REV. A
ADM1486 AD-ADM1486_V01 Datasheet
393Kb / 16P
   5 V, 0.8 mA PROFIBUS RS-485 Transceiver
Rev. A
ADM1486 AD-ADM1486 Datasheet
151Kb / 8P
   5 V Low Power RS-485 PROFIBUS Transceiver
REV Pr. B
logo
Texas Instruments
ISO1176T TI1-ISO1176T_15 Datasheet
1Mb / 35P
[Old version datasheet]   Isolated Profibus RS-485 Transceiver
ISO1176 TI-ISO1176_1 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
ISO1176 TI1-ISO1176_15 Datasheet
1Mb / 37P
[Old version datasheet]   Isolated RS-485 Profibus Transceiver
ISO1176 TI-ISO1176 Datasheet
823Kb / 25P
[Old version datasheet]   ISOLATED RS-485 PROFIBUS TRANSCEIVER
logo
Maxim Integrated Produc...
MAX14770E MAXIM-MAX14770E_11 Datasheet
1Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 2; 1/11
MAX14770E MAXIM-MAX14770E Datasheet
1Mb / 15P
   High-ESD Profibus RS-485 Transceiver
Rev 3; 10/12
MAX14770E MAXIM-MAX14770E_13 Datasheet
2Mb / 16P
   High-ESD Profibus RS-485 Transceiver
Rev 4; 2/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com