Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM4853ARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM4853ARZ
Description  5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM4853ARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM4853ARZ Datasheet HTML 3Page - Analog Devices ADM4853ARZ Datasheet HTML 4Page - Analog Devices ADM4853ARZ Datasheet HTML 5Page - Analog Devices ADM4853ARZ Datasheet HTML 6Page - Analog Devices ADM4853ARZ Datasheet HTML 7Page - Analog Devices ADM4853ARZ Datasheet HTML 8Page - Analog Devices ADM4853ARZ Datasheet HTML 9Page - Analog Devices ADM4853ARZ Datasheet HTML 10Page - Analog Devices ADM4853ARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM4850/ADM4851/ADM4852/ADM4853/ADM4854/ADM4855/ADM4856/ADM4857
Rev. D | Page 7 of 16
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
RO 1
VCC
8
DI 4
GND
5
ADM4850/
ADM4851/
ADM4852/
ADM4853
TOP VIEW
(Not to Scale)
RE 2
B
7
DE
A
6
3
PIN 1
INDICATOR
NOTES
1. THE EXPOSED PADDLE ON THE UNDERSIDE
OF THE PACKAGE SHOULD BE SOLDERED
TO THE GROUND PLANE TO INCREASE THE
RELIABILITY OF THE SOLDER JOINTS AND
TO MAXIMIZE THE THERMAL CAPABILITY OF
THE PACKAGE.
1
RO
2
RE
3
DE
4
DI
7B
8VCC
TOP VIEW
(Not to Scale)
ADM4850/ADM4851/
ADM4852/ADM4853
6A
5GND
Figure 3. ADM4850/ADM4851/ADM4852/ADM4853 Pin Configuration,
SOIC and MSOP
Figure 4. ADM4850/ADM4851/ADM4852/ADM4853 Pin Configuration, LFCSP
Table 8. ADM4850/ADM4851/ADM4852/ADM4853 Pin Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When RO is enabled, if (A − B) ≥ −30 mV, RO = high; if (A − B) ≤ −200 mV, RO = low.
2
RE
Receiver Output Enable. A low level on this pin enables the receiver output, RO. A high level places RO
into a high impedance state.
3
DE
Driver Output Enable. A high level on this pin enables the driver differential outputs, A and B. A low level
places them into a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces A low and B high, whereas a logic high
on DI forces A high and B low.
5
GND
Ground.
6
A
Noninverting Receiver Input A/Noninverting Driver Output A.
7
B
Inverting Receiver Input B/Inverting Driver Output B.
8
VCC
5 V Power Supply.


Similar Part No. - ADM4853ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4853ARZ AD-ADM4853ARZ Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4853ARZ-REEL7 AD-ADM4853ARZ-REEL7 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
More results

Similar Description - ADM4853ARZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4852 AD-ADM4852_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4854 AD-ADM4854_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4857 AD-ADM4857_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853 Datasheet
438Kb / 16P
   5 V Slew-Rate Limited Half- and Full-Duplex RS-485/RS-422 Transceivers
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com