Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3333ARM-1.8-RL Datasheet(PDF) 3 Page - Analog Devices

Part # ADP3333ARM-1.8-RL
Description  High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3333ARM-1.8-RL Datasheet(HTML) 3 Page - Analog Devices

  ADP3333ARM-1.8-RL Datasheet HTML 1Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 2Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 3Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 4Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 5Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 6Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 7Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 8Page - Analog Devices ADP3333ARM-1.8-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADP3333
Rev. B | Page 3 of 12
SPECIFICATIONS
VIN = 6.0 V, CIN = COUT = 1.0 µF, TJ = −40°C to +125°C, unless otherwise noted.
Table 1.
Parameter1
Symbol
Condition
Min
Typ
Max
Unit
OUTPUT
Voltage Accuracy2
V
OUT
V
IN = VOUTNOM + 0.3 V to 12 V, IL = 0.1 mA to 300 mA, TJ = 25°C
−0.8
+0.8
%
V
IN = VOUTNOM + 0.3 V to 12 V, IL = 0.1 mA to 300 mA
−1.8
+1.8
%
Line Regulation2
ΔV
IN/ΔVOUT
V
IN = VOUTNOM + 0.3 V to 12 V, TJ = 25°C
0.04
mV/V
Load Regulation
ΔV
OUT/ΔIOUT
I
L = 0.1 mA to 300 mA, TJ = 25°C
0.04
mV/mA
Dropout Voltage
V
DROPOUT
V
OUT = 98% of VOUTNOM
I
L = 300 mA
140
230
mV
I
L = 200 mA
105
185
mV
I
L = 0.1 mA
30
mV
Peak Load Current
I
LDPK
V
IN = VOUTNOM + 1 V
600
mA
Output Noise
V
NOISE
f = 10 Hz to 100 kHz, C
L = 10 μF, IL = 300 mA
45
μV rms
GROUND CURRENT
In Regulation
I
GND
I
L = 300 mA
2.0
5.5
mA
I
L = 300 mA, TJ = 25°C
2.0
4.3
mA
I
L = 300 mA, TJ = 85°C
1.5
3.3
mA
I
L = 200 mA
1.4
mA
I
L = 10 mA
200
275
μA
I
L = 0.1 mA
70
100
μA
In Dropout
I
GND
V
IN = VOUTNOM − 100 mV, IL = 0.1 mA
70
190
μA
V
IN = VOUTNOM − 100 mV, IL = 0.1 mA, TJ = 0°C to 125°C
70
160
μA
In Shutdown
I
GNDSD
SD = 0 V, VIN = 12 V
0.01
1
μA
SHUTDOWN
Threshold Voltage
V
THSD
Regulator on
2.0
V
Regulator off
0.4
V
SD
I
Input Current
SD
0 ≤ SD ≤ 12 V
0.85
7
μA
0 ≤ SD ≤ 5 V
0.8
4.5
μA
Output Current in Shutdown
I
OSD
T
J = 25°C, VIN = 12 V
0.01
1
μA
T
J = 125°C, VIN = 12 V
0.01
1
μA
1 Application stable with no load.
2 V
IN = 2.6 V for models with VOUTNOM ≤ 2.3 V.


Similar Part No. - ADP3333ARM-1.8-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333ARM-1.8-RL AD-ADP3333ARM-1.8-RL Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3333ARM-1.8-RL7 AD-ADP3333ARM-1.8-RL7 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
More results

Similar Description - ADP3333ARM-1.8-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335 Datasheet
639Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator
REV. 0
ADP3335ARM-2.85 AD-ADP3335ARM-2.85 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335 AD-ADP3335_12 Datasheet
263Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3333ARM-2.5 AD-ADP3333ARM-2.5 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, yCAP Low Dropout Regulator
REV. B
ADP3330ARTZ-2.75R7 AD-ADP3330ARTZ-2.75R7 Datasheet
141Kb / 12P
   High Accuracy Ultralow IQ, 200 mA, SOT-23, anyCAP??Low Dropout Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com