Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6711RAKS-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6711RAKS-REEL7
Description  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6711RAKS-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6711RAKS-REEL7 Datasheet HTML 4Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 5Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 6Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 7Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 8Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 9Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 10Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 11Page - Analog Devices ADM6711RAKS-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADM6711/ADM6713
Rev. B | Page 9 of 12
OUTLINE DIMENSIONS
*PACKAGE OUTLINE CORRESPONDS IN FULL TO EIAJ SC82
EXCEPT FOR WIDTH OF PIN 2 AS SHOWN.
*0.70
0.50
0.10 MAX
1.00
0.80
1.10
0.80
0.40
0.10
0.18
0.10
0.30
0.10
2
1
3
4
0.50 BSC
0.65 BSC
2.20
1.80
2.40
1.80
1.35
1.15
COPLANARITY
0.10
SEATING
PLANE
0.30
0.15
Figure 11. 4-Lead Thin Shrink Small Outline Transistor Package [SC70]
(KS-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
RESET
Threshold (V)
Temperature
Range
Package
Description
Package
Option
Ordering
Quantity (k)
Branding
ADM6711LAKS-REEL
4.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M0B
ADM6711LAKSZ-REEL
4.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M4U
ADM6711LAKSZ-REEL7
4.63
−40°C to +125°C
4-Lead SC70
KS-4
3
M4U
ADM6711MAKS-REEL
4.38
−40°C to +125°C
4-Lead SC70
KS-4
10
M0C
ADM6711MAKS-REEL7
4.38
−40°C to +125°C
4-Lead SC70
KS-4
3
M0C
ADM6711MAKSZ-REEL7
4.38
−40°C to +125°C
4-Lead SC70
KS-4
3
M86
ADM6711TAKS-REEL
3.08
−40°C to +125°C
4-Lead SC70
KS-4
10
M0D
ADM6711TAKSZ-REEL
3.08
−40°C to +125°C
4-Lead SC70
KS-4
10
M4A
ADM6711TAKS-REEL7
3.08
−40°C to +125°C
4-Lead SC70
KS-4
3
M0D
ADM6711TAKSZ-REEL7
3.08
−40°C to +125°C
4-Lead SC70
KS-4
3
M4A
ADM6711SAKS-REEL
2.93
−40°C to +125°C
4-Lead SC70
KS-4
10
M0E
ADM6711SAKSZ-REEL
2.93
−40°C to +125°C
4-Lead SC70
KS-4
10
M4B
ADM6711SAKS-REEL7
2.93
−40°C to +125°C
4-Lead SC70
KS-4
3
M0E
ADM6711SAKSZ-REEL7
2.93
−40°C to +125°C
4-Lead SC70
KS-4
3
M4B
ADM6711RAKS-REEL
2.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M0F
ADM6711RAKSZ-REEL
2.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M5F
ADM6711RAKS-REEL7
2.63
−40°C to +125°C
4-Lead SC70
KS-4
3
M0F
ADM6711RAKSZ-REEL7
2.63
−40°C to +125°C
4-Lead SC70
KS-4
3
M5F
ADM6711ZAKS-REEL
2.32
−40°C to +125°C
4-Lead SC70
KS-4
10
M0G
ADM6711ZAKSZ-REEL
2.32
−40°C to +125°C
4-Lead SC70
KS-4
10
M4H
ADM6711ZAKS-REEL7
2.32
−40°C to +125°C
4-Lead SC70
KS-4
3
M0G
ADM6711ZAKSZ-REEL7
2.32
−40°C to +125°C
4-Lead SC70
KS-4
3
M4H
ADM6713LAKS-REEL
4.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M0H
ADM6713LAKSZ-REEL
4.63
−40°C to +125°C
4-Lead SC70
KS-4
10
M87
ADM6713LAKSZ-REEL7
4.63
−40°C to +125°C
4-Lead SC70
KS-4
3
M87
ADM6713MAKS-REEL
4.38
−40°C to +125°C
4-Lead SC70
KS-4
10
M0J
ADM6713MAKS-REEL7
4.38
−40°C to +125°C
4-Lead SC70
KS-4
3
M0J
ADM6713MAKSZ-REEL7
4.38
−40°C to +125°C
4-Lead SC70
KS-4
3
M88
ADM6713TAKS-REEL
3.08
−40°C to +125°C
4-Lead SC70
KS-4
10
M0K


Similar Part No. - ADM6711RAKS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6711RAKS AD-ADM6711RAKS Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results

Similar Description - ADM6711RAKS-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com