Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6713TAKSZ-REEL7 Datasheet(PDF) 3 Page - Analog Devices

Part # ADM6713TAKSZ-REEL7
Description  Microprocessor Supervisory Circuit in 4-Lead SC70
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6713TAKSZ-REEL7 Datasheet(HTML) 3 Page - Analog Devices

  ADM6713TAKSZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM6713TAKSZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADM6711/ADM6713
Rev. B | Page 3 of 12
SPECIFICATIONS
VCC = full operating range; TA = TMIN to TMAX; VCC typ = 5 V for L/M models, 3.3 V for T/S models, 3 V for R models, and 2.5 V for Z models,
unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
1.0
5.5
V
TA = 0°C to 70°C
1.2
5.5
V
TA = −40°C to +125°C
Supply Current
16
35
μA
VCC < 5.5 V, ADM671_L/M,
TA = −40°C to +85°C
12
30
μA
VCC < 3.6 V, ADM671_R/S/T/Z,
TA = −40°C to +85°C
60
μA
VCC < 5.5 V, ADM671_L/M,
TA = 85°C to 125°C
60
μA
VCC < 3.6 V, ADM671_R/S/T/Z,
TA = 85°C to 125°C
RESET VOLTAGE THRESHOLD
ADM671_L
4.56
4.63
4.70
V
TA = 25°C
4.50
4.75
V
TA = −40°C to +85°C
4.44
4.82
V
TA = 85°C to 125°C
ADM671_M
4.31
4.38
4.45
V
TA = 25°C
4.25
4.50
V
TA = −40°C to +85°C
4.20
4.56
V
TA = 85°C to 125°C
ADM671_T
3.04
3.08
3.11
V
TA = 25°C
3.00
3.15
V
TA = −40°C to +85°C
2.95
3.21
V
TA = 85°C to 125°C
ADM671_S
2.89
2.93
2.96
V
TA = 25°C
2.85
3.00
V
TA = −40°C to +85°C
2.81
3.05
V
TA = 85°C to 125°C
ADM671_R
2.59
2.63
2.66
V
TA = 25°C
2.55
2.70
V
TA = −40°C to +85°C
2.52
2.74
V
TA = 85°C to 125°C
ADM671_Z
2.28
2.32
2.35
V
TA = 25°C
2.25
2.38
V
TA = −40°C to +85°C
2.22
2.42
V
TA = 85°C to 125°C
RESET THRESHOLD TEMPERATURE COEFFICIENT
30
ppm/°C
VCC to RESET DELAY
20
μs
VCC = VTH to (VTH − 100 mV)
RESET ACTIVE TIMEOUT PERIOD
140
240
460
ms
TA = −40°C to +85°C
100
640
ms
TA = 85°C to 125°C
RESET OUTPUT VOLTAGE
Low (ADM6711/ADM6713)
0.3
V
VCC = VTH min, ISINK = 1.2 mA,
ADM671_R/S/T/Z
0.4
V
VCC = VTH min, ISINK = 3.2 mA,
ADM671_L/M
0.3
V
VCC >1.0 V, ISINK = 50 μA
High (ADM6711)
0.8 VCC
V
VCC > VTH max, ISOURCE = 500 μA,
ADM6711R/S/T/Z
0.8 VCC
V
VCC > VTH max, ISOURCE = 800 μA,
ADM6711L/M


Similar Part No. - ADM6713TAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6713TAKS AD-ADM6713TAKS Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
More results

Similar Description - ADM6713TAKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6384 AD-ADM6384_15 Datasheet
207Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
Rev. C
ADM6711 AD-ADM6711 Datasheet
155Kb / 8P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM6384 AD-ADM6384 Datasheet
176Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SC70
REV. 0
ADM810 AD-ADM810_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803 Datasheet
132Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
REV. C
ADM809LAKSZ-REEL7 AD-ADM809LAKSZ-REEL7 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM809 AD-ADM809_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_15 Datasheet
212Kb / 11P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. I
ADM803 AD-ADM803_08 Datasheet
309Kb / 12P
   Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
Rev. H
ADM812 AD-ADM812_15 Datasheet
178Kb / 12P
   Microprocessor Supervisory Circuit in 4-Lead SOT-143 with DSP
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com