Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC32MX120F032D Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC32MX120F032D
Description  32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
Download  328 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX120F032D Datasheet(HTML) 2 Page - Microchip Technology

  PIC32MX120F032D Datasheet HTML 1Page - Microchip Technology PIC32MX120F032D Datasheet HTML 2Page - Microchip Technology PIC32MX120F032D Datasheet HTML 3Page - Microchip Technology PIC32MX120F032D Datasheet HTML 4Page - Microchip Technology PIC32MX120F032D Datasheet HTML 5Page - Microchip Technology PIC32MX120F032D Datasheet HTML 6Page - Microchip Technology PIC32MX120F032D Datasheet HTML 7Page - Microchip Technology PIC32MX120F032D Datasheet HTML 8Page - Microchip Technology PIC32MX120F032D Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 328 page
background image
PIC32MX1XX/2XX
DS61168E-page 2
Preliminary
 2011-2012 Microchip Technology Inc.
TABLE 1:
PIC32MX1XX GENERAL PURPOSE FAMILY FEATURES
Remappable Peripherals
PIC32MX110F016B
28
16+3
4
20 5/5/5
2253
N
2
Y
4/0
Y
10
Y
21
Y
SOIC,
SSOP,
SPDIP,
QFN
PIC32MX110F016C
36
16+3
4
24 5/5/5
2253
N
2
Y
4/0
Y
12
Y
25
Y
VTLA
PIC32MX110F016D
44
16+3
4
32 5/5/5
2253
N
2
Y
4/0
Y
13
Y
34
Y
VTLA,
TQFP,
QFN
PIC32MX120F032B
28
32+3
8
20 5/5/5
2253
N
2
Y
4/0
Y
10
Y
21
Y
SOIC,
SSOP,
SPDIP,
QFN
PIC32MX120F032C 36
32+3
8
24 5/5/5
2253
N
2
Y
4/0
Y
12
Y
25
Y
VTLA
PIC32MX120F032D 44
32+3
8
32 5/5/5
2253
N
2
Y
4/0
Y
13
Y
34
Y
VTLA,
TQFP,
QFN
PIC32MX130F064B
28
64+3
16
20 5/5/5
2253
N
2
Y
4/0
Y
10
Y
21
Y
SOIC,
SSOP,
SPDIP,
QFN
PIC32MX130F064C 36
64+3
16
24 5/5/5
2253
N
2
Y
4/0
Y
12
Y
25
Y
VTLA
PIC32MX130F064D 44
64+3
16
32 5/5/5
2253
N
2
Y
4/0
Y
13
Y
34
Y
VTLA,
TQFP,
QFN
PIC32MX150F128B
28 128+3 32
20 5/5/5
2253
N
2
Y
4/0
Y
10
Y
21
Y
SOIC,
SSOP,
SPDIP,
QFN
PIC32MX150F128C 36 128+3 32
24 5/5/5
2253
N
2
Y
4/0
Y
12
Y
25
Y
VTLA
PIC32MX150F128D 44 128+3 32
32 5/5/5
2253
N
2
Y
4/0
Y
13
Y
34
Y
VTLA,
TQFP,
QFN
Note
1:
This device features 3 KB of boot Flash memory.
2:
Four out of five timers are remappable.
3:
Four out of five external interrupts are remappable.


Similar Part No. - PIC32MX120F032D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX120F032D MICROCHIP-PIC32MX120F032D Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX120F032D MICROCHIP-PIC32MX120F032D Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032D MICROCHIP-PIC32MX120F032D Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
More results

Similar Description - PIC32MX120F032D

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC32MX150F128B-I MICROCHIP-PIC32MX150F128B-I Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX120F032B-I-SS MICROCHIP-PIC32MX120F032B-I-SS Datasheet
6Mb / 328P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
11/29/11
PIC32MX1XX MICROCHIP-PIC32MX1XX Datasheet
6Mb / 320P
   32-bit Microcontrollers (up to 128 KB Flash and 32 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
2011-2012
PIC32MX220F032B-ISS MICROCHIP-PIC32MX220F032B-ISS Datasheet
6Mb / 330P
   32-bit Microcontrollers (up to 256 KB Flash and 64 KB SRAM) with Audio and Graphics Interfaces, USB, and Advanced Analog
10/28/13
PIC32MX330 MICROCHIP-PIC32MX330 Datasheet
12Mb / 344P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
11/29/12 2012-2013
PIC32MX5XX MICROCHIP-PIC32MX5XX_13 Datasheet
8Mb / 448P
   32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Graphics Interface, USB, CAN, and Ethernet
11/29/12 2009-2013
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_12 Datasheet
4Mb / 290P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM) with Advanced Analog
11/29/11
PIC24FJ16MC101 MICROCHIP-PIC24FJ16MC101_12 Datasheet
5Mb / 350P
   16-bit Microcontrollers (up to 32 KB Flash and 2 KB SRAM)
11/29/11
PIC24HJ32GP302 MICROCHIP-PIC24HJ32GP302_12 Datasheet
5Mb / 390P
   16-bit Microcontrollers (up to 128 KB Flash and 8K SRAM) with Advanced Analog
11/29/11
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A_12 Datasheet
5Mb / 326P
   16-bit Microcontrollers (up to 256 KB Flash and 16 KB SRAM) with Advanced Analog
11/29/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com