Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RE46C145S16F Datasheet(PDF) 9 Page - Microchip Technology

Part # RE46C145S16F
Description  CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RE46C145S16F Datasheet(HTML) 9 Page - Microchip Technology

Back Button RE46C145S16F Datasheet HTML 5Page - Microchip Technology RE46C145S16F Datasheet HTML 6Page - Microchip Technology RE46C145S16F Datasheet HTML 7Page - Microchip Technology RE46C145S16F Datasheet HTML 8Page - Microchip Technology RE46C145S16F Datasheet HTML 9Page - Microchip Technology RE46C145S16F Datasheet HTML 10Page - Microchip Technology RE46C145S16F Datasheet HTML 11Page - Microchip Technology RE46C145S16F Datasheet HTML 12Page - Microchip Technology RE46C145S16F Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
 2009-2012 Microchip Technology Inc.
DS22181C-page 9
RE46C145
3.0
DEVICE DESCRIPTION
3.1
Standby Internal Timing
With the external components specified in the Typical
Application for R12 and C5, the internal oscillator has a
nominal period of 10 ms. Normally the analog circuitry
is powered down to minimize standby current (typically
4 µA at 9V). Once every 10 seconds the detection
circuitry (normal gain) is powered up for 10 ms. Prior to
completion of the 10 ms period, the IRED pulse is
active for 100 µs. At the conclusion of the 10 ms period,
the photo amplifier is compared to an internal reference
to determine the chamber status and latched. If a
smoke condition is present, the period to the next
detection decreases and additional checks are made.
Three consecutive smoke detections will cause the
device to go into alarm, and the horn circuit and
interconnect will be active.
Once every 43 seconds the status of the battery volt-
age is checked. This status is checked and latched at
the conclusion of the LED pulse. In addition, once
every 43 seconds the chamber is activated and, using
the high gain mode (capacitor C1), a check of the
chamber is made by amplifying background reflections.
If either the low battery or the photo chamber test fails,
the horn will chirp for 10 ms every 43 seconds.
The oscillator period is determined by the values of R9,
R12 and C5 (see Typical Application). The oscillator
period is as follows:
EQUATION 3-1:
3.2
Smoke Detection Circuitry
A comparator compares the photo amp output to an
internal reference voltage. If the required number of
consecutive smoke conditions is met, the device will go
into local alarm and the horn will be active. In local
alarm, the C2 gain is internally increased by
approximately 10% to provide alarm hysteresis.
3.3
Push-to-Test Operation
If the TEST input pin is activated (VIH), after one
internal clock cycle, the smoke detection rate increases
to once every 330 ms. In this mode, the high-gain
capacitor C1 is selected, and background reflections
are used to simulate a smoke condition. After the
required consecutive detections, the device will go into
a local alarm condition. When the TEST input is
deactivated (VIL) and after one clock cycle, the normal
gain capacitor C1 is selected. The detection rate
continues at once every 330 ms until three consecutive
no smoke conditions are detected. At this point, the
device returns to standby timing.
3.4
LED Operation
In standby, the LED is pulsed on for 10 ms every
43 seconds. In a local alarm condition or the push-to-
test alarm, the LED pulse frequency is increased to
once every .5 seconds. In the case of a remote alarm,
the LED is not active. In the Timer mode of operation,
the LED is pulsed on for 10 ms every 10 seconds.
3.5
Interconnect Operation
The bidirectional I/O pin allows for interconnection of
multiple detectors. In a local alarm condition, this pin is
driven high immediately through a constant current
source. Shorting this output to ground will not cause
excessive current. The I/O is ignored as an input during
a local alarm.
The I/O pin also has an NMOS discharge device that is
active for 1 second after the conclusion of any type of
local alarm. This device helps to quickly discharge any
capacitance associated with the interconnect line.
If a remote active-high signal is detected, the device
goes into remote alarm and the horn will be active.
Internal protection circuitry allows for the signaling unit
to have a higher supply voltage than the signaled unit,
without excessive current draw.
The interconnect input has a 670 ms nominal digital
filter. This allows for interconnection to other types of
alarms (carbon monoxide, for example) that may have
a pulsed interconnect signal.
Note:
All timing references are nominal. See
Electrical Characteristics for limits.
T= TR +TF
Where:
TR = .6931 x R12 x C5
TF = .6931 x R9 x C5


Similar Part No. - RE46C145S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results

Similar Description - RE46C145S16F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
RE46C145 MICROCHIP-RE46C145 Datasheet
259Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144_12 Datasheet
1Mb / 26P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
11/29/11
RE46C140 MICROCHIP-RE46C140 Datasheet
257Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C144 MICROCHIP-RE46C144 Datasheet
256Kb / 12P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C146 MICROCHIP-RE46C146 Datasheet
261Kb / 13P
   CMOS Photoelectric Smoke Detector ASIC with Intelligent Interconnect and Timer Mode
2009
RE46C165 MICROCHIP-RE46C165 Datasheet
453Kb / 30P
   CMOS Photoelectric Smoke Detector ASIC with Interconnect, Timer Mode and Alarm Memory
2010
RE46C195 MICROCHIP-RE46C195 Datasheet
2Mb / 39P
   CMOS Low-Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
Revision A March 2021
RE46C190S16F MICROCHIP-RE46C190S16F Datasheet
408Kb / 42P
   CMOS Low Voltage Photoelectric Smoke Detector ASIC with Interconnect and Timer Mode
08/04/10
RE46C122 MICROCHIP-RE46C122 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
RE46C127 MICROCHIP-RE46C127 Datasheet
238Kb / 10P
   CMOS Ionization Smoke Detector ASIC with Interconnect and Timer Mode
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com