Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25PF080B-80-4C-SAE-T Datasheet(PDF) 5 Page - Microchip Technology

Part # SST25PF080B-80-4C-SAE-T
Description  8 Mbit 2.3-3.6V SPI Serial Flash
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25PF080B-80-4C-SAE-T Datasheet(HTML) 5 Page - Microchip Technology

  SST25PF080B-80-4C-SAE-T Datasheet HTML 1Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 2Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 3Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 4Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 5Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 6Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 7Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 8Page - Microchip Technology SST25PF080B-80-4C-SAE-T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
 2012 Microchip Technology Inc.
DS25134A-page 5
SST25PF080B
4.2
Write Protection
SST25PF080B provides software Write protection. The
Write Protect pin (WP#) enables or disables the lock-
down function of the status register. The Block-Protec-
tion bits (BP2, BP1, BP0, and BPL) in the status regis-
ter provide Write protection to the memory array and
the status register. See Table 4-3 for the Block-Protec-
tion description.
4.2.1
WRITE PROTECT PIN (WP#)
The Write Protect (WP#) pin enables the lock-down
function of the BPL bit (bit 7) in the status register.
When WP# is driven low, the execution of the Write-
Status-Register (WRSR) instruction is determined by
the value of the BPL bit (see Table 4-1). When WP# is
high, the lock-down function of the BPL bit is disabled.
4.3
Security ID
SST25PF080B offers a 256-bit Security ID (Sec ID)
feature. The Security ID space is divided into two parts
– one factory-programmed, 64-bit segment and one
user-programmable 192-bit segment. The factory-pro-
grammed segment is programmed at Microchip with a
unique number and cannot be changed. The user-pro-
grammable segment is left unprogrammed for the cus-
tomer to program as desired.
Use the Program SID command to program the Secu-
rity ID using the address shown in Table 4-5. Once pro-
grammed, the Security ID can be locked using the
Lockout SID command. This prevents any future write
to the Security ID.
The factory-programmed portion of the Security ID can
never be programmed, and none of the Security ID can
be erased.
4.4
Status Register
The software status register provides status on
whether the flash memory array is available for any
Read or Write operation, whether the device is Write
enabled, and the state of the Memory Write protection.
During an internal Erase or Program operation, the sta-
tus register may be read only to determine the comple-
tion of an operation in progress. Table 4-2 describes
the function of each bit in the software status register.
TABLE 4-1:
CONDITIONS TO EXECUTE WRITE-STATUS-REGISTER (WRSR) INSTRUCTION
WP#
BPL
Execute WRSR Instruction
L1
Not Allowed
L0
Allowed
HX
Allowed
TABLE 4-2:
SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0R
2
BP0
Indicates current level of block write protection
1R/W
3
BP1
Indicates current level of block write protection
1R/W
4
BP2
Indicates current level of block write protection
1R/W
5
SEC1
1. The Security ID status will always be ‘1’ at power-up after a successful execution of the Lockout SID instruction; otherwise,
the default at power-up is ‘0’.
Security ID status
1 = Security ID space locked
0 = Security ID space not locked
0 or 1
R
6
AAI
Auto Address Increment Programming status
1 = AII programming mode
0 = Byte-Program mode
0R
7
BPL
1 = BP2, BP1, BP0 are read-only bits
0 = BP2, BP1, BP0 are readable/writable
0R/W


Similar Part No. - SST25PF080B-80-4C-SAE-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF080B-80-4C-SAE-T MICROCHIP-SST25PF080B-80-4C-SAE-T Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
More results

Similar Description - SST25PF080B-80-4C-SAE-T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST25PF080B MICROCHIP-SST25PF080B Datasheet
417Kb / 32P
   8 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF040B MICROCHIP-SST25PF040B Datasheet
409Kb / 31P
   4 Mbit 2.3-3.6V SPI Serial Flash
2014
SST25PF020B MICROCHIP-SST25PF020B Datasheet
205Kb / 33P
   2 Mbit 2.3-3.6V SPI Serial Flash
2012
SST25PF020B MICROCHIP-SST25PF020B_V01 Datasheet
1Mb / 35P
   2-Mbit 2.3V-3.6V SPI Serial Flash
Revision C March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B Datasheet
350Kb / 28P
   8 Mbit SPI Serial Flash
SST25VF080B SST-SST25VF080B_07 Datasheet
679Kb / 28P
   8 Mbit SPI Serial Flash
SST25LF080A SST-SST25LF080A Datasheet
290Kb / 25P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_V01 Datasheet
1Mb / 33P
   8-Mbit SPI Serial Flash
Revision D March 2020
logo
Silicon Storage Technol...
SST25VF080B SST-SST25VF080B_10 Datasheet
757Kb / 32P
   8 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF080B MICROCHIP-SST25VF080B_11 Datasheet
3Mb / 36P
   8 Mbit SPI Serial Flash
2011 Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com