Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADT7411EBZ1 Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-ADT7411EBZ1
Description  SPI짰-/I2C짰-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADT7411EBZ1 Datasheet(HTML) 5 Page - Analog Devices

  EVAL-ADT7411EBZ1 Datasheet HTML 1Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 2Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 3Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 4Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 5Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 6Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 7Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 8Page - Analog Devices EVAL-ADT7411EBZ1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADT7411
Rev. B | Page 5 of 36
Parameter1
Min
Typ
Max
Unit
Conditions/Comments
POWER REQUIREMENTS
VDD
2.7
5.5
V
VDD Settling Time
50
ms
VDD settles to within 10% of its final voltage level.
IDD (Normal Mode)8
3
mA
VDD = 3.3 V, VIH = VDD and VIL = GND.
2.2
3
mA
VDD = 5 V, VIH = VDD and VIL = GND.
IDD (Power-Down Mode)
10
μA
VDD = 3.3 V, VIH = VDD and VIL = GND.
10
μA
VDD = 5 V, VIH = VDD and VIL = GND.
Power Dissipation
10
mW
VDD = 3.3 V. Using normal mode.
33
μW
VDD = 3.3 V. Using shutdown mode.
1 See the Terminology section.
2 Round robin is the continuous sequential measurement of the following channels: VDD, internal temperature, external temperature (AIN1, AIN2), AIN3, AIN4, AIN5,
AIN6, AIN7, and AIN8.
3 Guaranteed by design and characterization, not production tested.
4 The SDA and SCL timing is measured with the input filters turned on so as to meet the fast-mode I2C specification. Switching off the input filters improves the transfer
rate but has a negative effect on the EMC behavior of the part.
5 Guaranteed by design. Not tested in production.
6 The interface is also capable of handling the I2C standard mode rise time specification of 1000 ns.
7 All input signals are specified with tr = tf = 5 ns (10% to 90% of VDD), and timed from a voltage level of 1.6 V.
8 IDD specification is valid for full-scale analog input voltages. Interface inactive. ADC active. Load currents excluded.
SCL
t4
t2
t1
t3
t5
t6
SDA
DATA IN
SDA
DATA OUT
t7
Figure 2. I2C Bus Timing Diagram
t1
t2
t3
t5
t6
t4
t7
t8
D7
CS
SCLK
DIN
DOUT
D6
D5
D4
D3
D2
D1
D0
X
X
XXXXX
X
X
X
X
X
X
X
X
X
D7D6
D5
D4D3D2D1
D0
Figure 3. SPI Bus Timing Diagram
200µA
IOH
1.6V
TO
OUTPUT
PIN
CL
50pF
200µA
IOL
Figure 4. Load Circuit for Access Time and Bus Relinquish Time


Similar Part No. - EVAL-ADT7411EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADT7410EBZ AD-EVAL-ADT7410EBZ Datasheet
452Kb / 24P
   짹0.5째C Accurate, 16-Bit Digital I2C Temperature Sensor
REV. 0
More results

Similar Description - EVAL-ADT7411EBZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADT7411 AD-ADT7411 Datasheet
456Kb / 36P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
REV. A
ADT7411 AD-ADT7411_15 Datasheet
1Mb / 36P
   SPI-/IC-Compatible, 10-Bit Digital Temperature Sensor and 8-Channel ADC
Rev. B
AD7416 AD-AD7416 Datasheet
325Kb / 20P
   10-Bit Digital Temperature Sensor (AD7416) and Single/Four-Channel ADC (AD7417/AD7418)
REV. G
ADT7316 AD-ADT7316 Datasheet
340Kb / 32P
   SPI/I2C Compatible, 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC
REV. PrN 02/02
AD7417 AD-AD7417_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7814 AD-AD7814_17 Datasheet
151Kb / 9P
   10-Bit Digital Temperature Sensor
AD7416 AD-AD7416_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7418 AD-AD7418_15 Datasheet
396Kb / 24P
   10-Bit Digital Temperature Sensor
Rev. I
AD7314 AD-AD7314_17 Datasheet
194Kb / 9P
   10-Bit Digital Temperature Sensor
logo
SONiX Technology Compan...
SNAD02C SONIX-SNAD02C Datasheet
734Kb / 27P
   8-CHANNEL 10-BIT ADC?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com