Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC847BCPZ62-5 Datasheet(PDF) 6 Page - Analog Devices

Part # ADuC847BCPZ62-5
Description  MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Download  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC847BCPZ62-5 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADuC847BCPZ62-5 Datasheet HTML 2Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 3Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 4Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 5Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 6Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 7Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 8Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 9Page - Analog Devices ADuC847BCPZ62-5 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
ADuC845/ADuC847/ADuC848
Data Sheet
Rev. C | Page 6 of 108
Parameter
Min
Typ
Max
Unit
Conditions
AUXILIARY ADC ANALOG INPUTS
(ADuC845 Only)
Differential Input Voltage Ranges5,6
Bipolar Mode (ADC1CON.5 = 0)
±VREF
V
REFIN = REFIN(+) − REFIN(−) (or Int 1.25 VREF)
Unipolar Mode (ADC1CON.5 = 1)
0 – VREF
V
REFIN = REFIN(+) − REFIN(−) (or Int 1.25 VREF)
Average Analog Input Current
125
nA/V
Analog Input Current Drift
±2
pA/V/°C
Absolute AIN/AINCOM Voltage
Limits2, 7
AGND
0.03
AVDD +
0.03
V
Normal Mode Rejection 50 Hz/60 Hz2
On AIN and REFIN
75
dB
50 Hz/60 Hz ± 1 Hz, 16.6 Hz Fadc, SF = 52H,
chop on, REJ60 on
100
dB
50 Hz ± 1 Hz, 16.6 Hz Fadc, SF = 52H, chop on
67
dB
50 Hz/60 Hz ± 1 Hz, 50 Hz Fadc, SF = 52H,
chop off, REJ60 on
100
dB
50 Hz ± 1 Hz, 50 Hz Fadc, SF = 52H, chop off
ADC SYSTEM CALIBRATION
Full-Scale Calibration Limit
+1.05 × FS
V
Zero-Scale Calibration Limit
−1.05 × FS
V
Input Span
0.8 × FS
2.1 × FS
V
DAC
Voltage Range
0 – VREF
V
DACCON.2 = 0
0 – AVDD
V
DACCON.2 = 1
Resistive Load
10
kΩ
From DAC output to AGND
Capactive Load
100
pF
From DAC output to AGND
Output Impedance
0.5
ISINK
50
µA
DC Specifications8
Resolution
12
Bits
Relative Accuracy
±3
LSB
Differential Nonlinearity
−1
LSB
Guaranteed 12-bit monotonic
Offset Error
±50
mV
Gain Error
±1
%
AVDD range
±1
%
VREF range
AC Specifications2, 8
Voltage Output Settling Time
15
µs
Settling time to 1 LSB of final value
Digital-to-Analog Glitch Energy
10
nVs
1 LSB change at major carry
INTERNAL REFERENCE
ADC Reference
Chop enabled
Reference Voltage
1.25 − 1%
1.25
1.25 + 1%
V
Initial tolerance @ 25°C, VDD = 5 V
Power Supply Rejection
45
dB
Reference Tempco
100
ppm/°C
DAC Reference
Reference Voltage
2.5 – 1%
2.5
2.5 + 1%
±1% V
Initial tolerance @ 25°C, VDD = 5 V
Power Supply Rejection
50
dB
Reference Tempco
±100
ppm/°C
TEMPERATURE SENSOR
(ADuC845 Only)
Accuracy
±2
°C
Thermal Impedance
90
°C/W
MQFP
52
°C/W
LFCSP
Footnotes at end of table.


Similar Part No. - ADuC847BCPZ62-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC847BCPZ62-5 AD-ADUC847BCPZ62-5 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
More results

Similar Description - ADuC847BCPZ62-5

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC845 AD-ADUC845_V01 Datasheet
1Mb / 109P
   MicroConverter짰 Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. D
ADUC845 AD-ADUC845 Datasheet
1Mb / 108P
   MicroConverter Multichannel 24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
REV. A
ADUC845 AD-ADUC845_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC847 AD-ADUC847_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC848 AD-ADUC848_15 Datasheet
1Mb / 108P
   24-/16-Bit ADCs with Embedded 62 kB Flash and Single-Cycle MCU
Rev. C
ADUC843BSZ62-5 AD-ADUC843BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-5 AD-ADUC841BSZ62-5 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC841BSZ62-3 AD-ADUC841BSZ62-3 Datasheet
908Kb / 88P
   MicroConverter짰 12-Bit ADCs and DACs with Embedded High Speed 62-kB Flash MCU
REV. 0
ADUC834 AD-ADUC834_02 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24-Bit ADCs with Embedded 62 kB Flash MCU
REV. 0
ADUC834 AD-ADUC834 Datasheet
1Mb / 80P
   MicroConverter, Dual 16-Bit/24- Bit ADCs with Embedded 62 kB Flash MCU
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com