Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF01EZ Datasheet(PDF) 7 Page - Analog Devices

Part # REF01EZ
Description  10 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01EZ Datasheet(HTML) 7 Page - Analog Devices

Back Button REF01EZ Datasheet HTML 3Page - Analog Devices REF01EZ Datasheet HTML 4Page - Analog Devices REF01EZ Datasheet HTML 5Page - Analog Devices REF01EZ Datasheet HTML 6Page - Analog Devices REF01EZ Datasheet HTML 7Page - Analog Devices REF01EZ Datasheet HTML 8Page - Analog Devices REF01EZ Datasheet HTML 9Page - Analog Devices REF01EZ Datasheet HTML 10Page - Analog Devices REF01EZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
REF01
Rev. H | Page 7 of 12
30
25
20
15
10
5
0
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VIN = 15V
Figure 10. Maximum Load Current vs. Temperature
1.3
1.2
1.1
1.0
0.9
0.8
0.7
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (
°C)
VIN = 15V
Figure 11. Quiescent Current vs. Temperature


Similar Part No. - REF01EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01EZ AD-REF01EZ Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
REF01EZ AD-REF01EZ Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
logo
Maxim Integrated Produc...
REF01EZ MAXIM-REF01EZ Datasheet
251Kb / 8P
   5V, 10V Precision Voltage References
logo
Analog Devices
REF01EZ AD-REF01EZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF01EZ AD-REF01EZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF01EZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com