Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF01HZ Datasheet(PDF) 9 Page - Analog Devices

Part # REF01HZ
Description  10 V Precision Voltage Reference
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF01HZ Datasheet(HTML) 9 Page - Analog Devices

Back Button REF01HZ Datasheet HTML 4Page - Analog Devices REF01HZ Datasheet HTML 5Page - Analog Devices REF01HZ Datasheet HTML 6Page - Analog Devices REF01HZ Datasheet HTML 7Page - Analog Devices REF01HZ Datasheet HTML 8Page - Analog Devices REF01HZ Datasheet HTML 9Page - Analog Devices REF01HZ Datasheet HTML 10Page - Analog Devices REF01HZ Datasheet HTML 11Page - Analog Devices REF01HZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
REF01
Rev. H | Page 9 of 12
VIN
GND
REF01
VO
TRIM
0.1
µF
5k
OP02
10k
± 0.1%
10k
± 0.1%
+15V
–15V
+15V
+10V
–10V
4
5
6
2
Figure 18. ±10 V Reference
VIN
GND
TRIM
VO
REF01
–15V
2
6
5
4
R
IOUT
IOUT =
10V
R
+ 1mA
VOLTAGE COMPLIANCE: –3V TO +25V
Figure 19. Current Sink


Similar Part No. - REF01HZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01HZ AD-REF01HZ Datasheet
296Kb / 7P
   10V Precision Viltage Reference
REV. B
REF01HZ AD-REF01HZ Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
REF01HZ AD-REF01HZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
REF01HZ AD-REF01HZ Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results

Similar Description - REF01HZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF01 AD-REF01 Datasheet
384Kb / 12P
   10 V Precision Voltage Reference
REV. C
AD688 AD-AD688_15 Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD688 AD-AD688 Datasheet
406Kb / 8P
   High Precision -10 V Reference
REV. A
AD587 AD-AD587_15 Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD587 AD-AD587 Datasheet
177Kb / 12P
   High Precision 10 V Reference
REV. F
5962-8982502PA AD-5962-8982502PA Datasheet
361Kb / 12P
   High Precision 10 V Reference
Rev. H
AD688ARWZ AD-AD688ARWZ Datasheet
490Kb / 16P
   High Precision 10 V Reference
REV. B
AD581SH883B AD-AD581SH883B Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581 AD-AD581_15 Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
AD581SH AD-AD581SH Datasheet
329Kb / 12P
   High Precision 10 V IC Reference
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com