Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71-570124-XXX Datasheet(PDF) 7 Page - Amphenol Corporation

Part # 71-570124-XXX
Description  Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

71-570124-XXX Datasheet(HTML) 7 Page - Amphenol Corporation

Back Button 71-570124-XXX Datasheet HTML 3Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 4Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 5Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 6Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 7Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 8Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 9Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 10Page - Amphenol Corporation 71-570124-XXX Datasheet HTML 11Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
5
Insert
Arrangement
Solder Termination
Crimp Termination
Total
Contacts
Contact Size
MS/PT
PT
SP
PC
Hermetic
PT
MS-PT
PC
MS/PT-SE
PT-SE
SP-SE
PC-SE
PT-CE
SP-CE
PC-CE
201612
Coax
Service
Rating
12
8
18-32
X
X
X
X
X
X
X
32
32
I
18-71
X*
9
8
1
Coax, II
18-72
X
X
X
14
10
4
N/A
18-75
XXX
4
4
Coax
18-76
43
1
II
18-80
XXX
X
8
6
2
Coax, I
18-91 HV
X*
X
6
6
**
20-16
X
X
X
X
X
X
X
16
16
II
20-24
X
XXX
X
24
24
I
20-25
X
X
X
25
25
I
20-26
X
X
X
26
20
6
I
20-27
X
XXX
X
27
27
I
20-39
X
X
X
X
X
X
X
39
37
2
I
20-41
X
X
X
X
X
X
X
41
41
I
20-70
14
10
4
Coax
20-90 HV
X
X
X
7
7
Hi-Voltage
22-7
XXX
X*
7
7
Coax
22-21
X
X
X
X
X
X
X
21
21
II
22-25
X*
25
25
I
22-32
X
X
X
X
X
P
32
32
I
22-34
XXX
X
34
34
I
22-36
XXX
X
36
36
I
22-41
X
X
X
X
X
X
X
41
27
14
I
22-55
X
X
X
X
X
X
X
55
55
I
22-70
X
X
X
19
13
6
I, Coax
22-71
9
2
7
I, Coax
22-72
X
X
X
19
12
4
3
N/A
22-78†††
X*
7
7
Coax
22-96
X*
7
7†
II
24-31
XXX
X
31
31
I
24-51
X*
51
47
4
I
24-61
X
X
X
X
X
X
X
61
61
I
24-71
X
X
X
49
45
2
2
N/A
24-79
6
1
5
Coax
Amphenol Miniature Cylindrical
insert availability, cont.
®
*Not available in MS version
**Flashover voltage 5,000 VAC (RMS)
***1500 VAC (RMS)
†Size 12 contacts for #10 wire
††Not presently tooled
†††Contacts must be ordered separately


Similar Part No. - 71-570124-XXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
71-570124-XXX AMPHENOL-71-570124-XXX Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
More results

Similar Description - 71-570124-XXX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com