Electronic Components Datasheet Search |
|
NTD20N06L-1G Datasheet(PDF) 2 Page - ON Semiconductor |
|
NTD20N06L-1G Datasheet(HTML) 2 Page - ON Semiconductor |
2 / 8 page NTD20N06L, NTDV20N06L http://onsemi.com 2 ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted) Characteristic Symbol Min Typ Max Unit OFF CHARACTERISTICS Drain−to−Source Breakdown Voltage (Note 3) (VGS = 0 Vdc, ID = 250 mAdc) Temperature Coefficient (Positive) V(BR)DSS 60 − 71.3 71.2 − − Vdc mV/°C Zero Gate Voltage Drain Current (VDS = 60 Vdc, VGS = 0 Vdc) (VDS = 60 Vdc, VGS = 0 Vdc, TJ = 150°C) IDSS − − − − 1.0 10 mAdc Gate−Body Leakage Current (VGS = ±15 Vdc, VDS = 0 Vdc) IGSS − − ±100 nAdc ON CHARACTERISTICS (Note 3) Gate Threshold Voltage (Note 3) (VDS = VGS, ID = 250 mAdc) Threshold Temperature Coefficient (Negative) VGS(th) 1.0 − 1.6 4.6 2.0 − Vdc mV/°C Static Drain−to−Source On−Resistance (Note 3) (VGS = 5.0 Vdc, ID = 10 Adc) RDS(on) − 39 48 mW Static Drain−to−Source On−Resistance (Note 3) (VGS = 5.0 Vdc, ID = 20 Adc) (VGS = 5.0 Vdc, ID = 10 Adc, TJ = 150°C) VDS(on) − − 0.81 0.72 1.66 − Vdc Forward Transconductance (Note 3) (VDS = 4.0 Vdc, ID = 10 Adc) gFS − 17.5 − mhos DYNAMIC CHARACTERISTICS Input Capacitance (VDS = 25 Vdc, VGS = 0 Vdc, f = 1.0 MHz) Ciss − 707 990 pF Output Capacitance Coss − 224 320 Transfer Capacitance Crss − 72 105 SWITCHING CHARACTERISTICS (Note 4) Turn−On Delay Time (VDD = 30 Vdc, ID = 20 Adc, VGS = 5.0 Vdc, RG = 9.1 W) (Note 3) td(on) − 9.6 20 ns Rise Time tr − 98 200 Turn−Off Delay Time td(off) − 25 50 Fall Time tf − 62 120 Gate Charge (VDS = 48 Vdc, ID = 20 Adc, VGS = 5.0 Vdc) (Note 3) QT − 16.6 32 nC Q1 − 5.5 − Q2 − 8.5 − SOURCE−DRAIN DIODE CHARACTERISTICS Forward On−Voltage (IS = 20 Adc, VGS = 0 Vdc) (Note 3) (IS = 20 Adc, VGS = 0 Vdc, TJ = 150°C) VSD − − 0.97 0.85 1.2 − Vdc Reverse Recovery Time (IS = 20 Adc, VGS = 0 Vdc, dIS/dt = 100 A/ms) (Note 3) trr − 42 − ns ta − 30 − tb − 12 − Reverse Recovery Stored Charge QRR − 0.066 − mC 3. Pulse Test: Pulse Width ≤ 300 ms, Duty Cycle ≤ 2%. 4. Switching characteristics are independent of operating junction temperatures. ORDERING INFORMATION Device Package Shipping† NTD20N06LG DPAK (Pb−Free) 75 Units / Rail NTD20N06L−1G DPAK (Straight Lead) (Pb−Free) 75 Units / Rail NTD20N06LT4G DPAK (Pb−Free) 2500 / Tape & Reel NTDV20N06LT4G DPAK (Pb−Free) 2500 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. |
Similar Part No. - NTD20N06L-1G |
|
Similar Description - NTD20N06L-1G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |