Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBT3904DW2T1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBT3904DW2T1G
Description  Dual General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBT3904DW2T1G Datasheet(HTML) 3 Page - ON Semiconductor

  MBT3904DW2T1G Datasheet HTML 1Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 2Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 3Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 4Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 5Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 6Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 7Page - ON Semiconductor MBT3904DW2T1G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MBT3904DW1T1G, MBT3904DW2T1G, SMBT3904DW1T1G
http://onsemi.com
3
SWITCHING CHARACTERISTICS
Characteristic
Symbol
Min
Max
Unit
Delay Time
(VCC = 3.0 Vdc, VBE = −0.5 Vdc)
td
35
ns
Rise Time
(IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
35
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc)
ts
200
ns
Fall Time
(IB1 = IB2 = 1.0 mAdc)
tf
50
Figure 1. Delay and Rise Time
Equivalent Test Circuit
Figure 2. Storage and Fall Time
Equivalent Test Circuit
+3 V
275
10 k
1N916
Cs < 4 pF*
+3 V
275
10 k
Cs < 4 pF*
< 1 ns
-0.5 V
+10.9 V
300 ns
DUTY CYCLE = 2%
< 1 ns
-9.1 V
+10.9 V
DUTY CYCLE = 2%
t1
0
10 < t1 < 500 ms
* Total shunt capacitance of test jig and connectors


Similar Part No. - MBT3904DW2T1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
105Kb / 8P
   Dual General Purpose Transistors
September, 2004 ??Rev. 4
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
105Kb / 7P
   Dual General Purpose Transistors
May, 2005 - Rev. 5
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
137Kb / 8P
   Dual General Purpose Transistors
October, 2010 ??Rev. 7
MBT3904DW2T1G ONSEMI-MBT3904DW2T1G Datasheet
102Kb / 8P
   Dual General Purpose Transistors
June, 2015 ??Rev. 11
More results

Similar Description - MBT3904DW2T1G

ManufacturerPart #DatasheetDescription
logo
Rohm
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
   General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
   General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
   General purpose transistors(dual transistors)
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
   General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
   General purpose transistors (dual transistors)
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
   General purpose transistors (dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMD12 HTSEMI-EMD12 Datasheet
709Kb / 2P
   General purpose transistors (dual transistors)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com