Electronic Components Datasheet Search |
|
NCP302LSN30T1 Datasheet(PDF) 3 Page - ON Semiconductor |
|
NCP302LSN30T1 Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 26 page NCP302, NCP303 http://onsemi.com 3 ELECTRICAL CHARACTERISTICS (For all values TA = −40°C to +125°C, unless otherwise noted.) Characteristic Symbol Min Typ Max Unit NCP302/3 − 0.9 (TA = 255C for voltage options from 0.9 to 1.1 V) Detector Threshold (Pin 2, Vin Decreasing) VDET− 0.882 0.900 0.918 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.027 0.045 0.063 V Supply Current (Pin 2) (Vin = 0.8 V) (Vin = 2.9 V) Iin − − 0.20 0.45 0.6 1.2 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = −40°C to 85°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.05V, Vin = 0.70V) (VOUT = 0.50V, Vin = 0.85V) 0.01 0.05 0.05 0.50 − − Pch Source Current, NCP302 (VOUT = 2.4V, Vin = 4.5V) 1.0 6.0 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.5 V, Vin = 1.5 V) 1.05 2.5 − Pch Source Current, NCP302 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 0.8 V) 0.011 0.014 0.04 0.08 − − CD Delay Pin Threshold Voltage (Pin 5) (Vin = 0.99 V) VTCD 0.50 0.67 0.84 V Delay Capacitor Pin Sink Current (Pin 5) (Vin = 0.7 V, VCD = 0.1V) (Vin = 0.85 V, VCD = 0.5V) ICD 2.0 10 120 300 − − mA Delay Pullup Resistance (Pin 5) RD 0.5 1.0 2.0 MW NCP302/3 − 1.8 Detector Threshold (Pin 2, Vin Decreasing) (TA = 25°C) (TA = −40°C to 125°C) VDET− 1.764 1.746 1.800 − 1.836 1.854 V Detector Threshold Hysteresis (Pin 2, Vin Increasing) VHYS 0.054 0.090 0.126 V Supply Current (Pin 2) (Vin = 1.7 V) (Vin = 3.8 V) Iin − − 0.23 0.48 0.7 1.3 mA Maximum Operating Voltage (Pin 2) Vin(max) − − 10 V Minimum Operating Voltage (Pin 2) (TA = 25°C) (TA = −40°C to 125°C) Vin(min) − − 0.55 0.65 0.70 0.80 V Reset Output Current (Pin 1, Active Low ‘L’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.05V, Vin = 0.70V) (VOUT = 0.50V, Vin = 1.5V) 0.01 1.0 0.05 2.0 − − Pch Source Current, NCP302 (VOUT = 2.4V, Vin = 4.5V) 1.0 6.0 − Reset Output Current (Pin 1, Active High ‘H’ Suffix Devices) IOUT mA Nch Sink Current, NCP302, NCP303 (VOUT = 0.5 V, Vin = 5.0 V) 6.3 11 − Pch Source Current, NCP302 (VOUT = 0.4 V, Vin = 0.7 V) (VOUT = GND, Vin = 1.5 V) 0.011 0.525 0.04 0.6 − − CD Delay Pin Threshold Voltage (Pin 5) (Vin = 1.98 V) VTCD 0.99 1.34 1.68 V |
Similar Part No. - NCP302LSN30T1 |
|
Similar Description - NCP302LSN30T1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |