Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

71-345516 Datasheet(PDF) 9 Page - Amphenol Corporation

Part # 71-345516
Description  Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

71-345516 Datasheet(HTML) 9 Page - Amphenol Corporation

Back Button 71-345516 Datasheet HTML 5Page - Amphenol Corporation 71-345516 Datasheet HTML 6Page - Amphenol Corporation 71-345516 Datasheet HTML 7Page - Amphenol Corporation 71-345516 Datasheet HTML 8Page - Amphenol Corporation 71-345516 Datasheet HTML 9Page - Amphenol Corporation 71-345516 Datasheet HTML 10Page - Amphenol Corporation 71-345516 Datasheet HTML 11Page - Amphenol Corporation 71-345516 Datasheet HTML 12Page - Amphenol Corporation 71-345516 Datasheet HTML 13Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 80 page
background image
7
Amphenol Miniature Cylindrical
alternate positioning
Alternate Positioning
To avoid cross-plugging problems in applications requiring
the use of more than one miniature cylindrical connector of
the same size and arrangement, alternate insert rotations
are available as indicated in the accompanying chart.
As shown in the diagram at right, the front face of the pin
insert is rotated within the shell in a clockwise direction from
the normal shell key. The socket insert would be rotated
counterclockwise the same number of degrees in respect to
the normal shell key.
Position W
Position X
Position Y
Position Z
Views looking into front face of pin insert or rear of socket insert.
Insert Rotation
Shell
Size
Insert
Arrangement
Degrees
WX
Y
Z
6
6-1
––––
8
8-2*
58
122
8
8-3
60
210
88-4*
45
97
184
8
8-33*
90
8
8-98
––––
10
10-2
45
90
315
10
10-5*
45
151
180
270
10
10-6*
90
10
10-70
––––
10
10-98*
90
180
240
270
12
12-3*
180
12
12-4*
38
12
12-8
90
112
203
292
12
12-10*
60
155
270
295
12
12-14
––––
12
12-98*
61
135
189
340
14
14-2
58
122
14
14-4*
45
14
14-5*
40
92
184
273
14
14-8
48
162
189
312
14
14-12*
43
90
14
14-15*
17
110
155
234
14
14-18*
15
90
180
270
14
14-19*
30
165
315
14
14-22
45
14
14-71
––––
14
14-91HV
60
14
14-AA*
45
16
16-8*
54
152
180
331
16
16-23
158
270
16
16-26*
60
275
338
16
16-70
41
122
216
286
16
16-76
––––
16
16-99*
66
156
223
340
18
18-5
55
97
263
315
18
18-8
180
* Available in Hermetic Class
Insert Rotation
Shell
Size
Insert
Arrangement
Degrees
WX
Y
Z
18
18-11*
62
119
241
340
18
18-30*
180
193
285
350
18
18-32*
85
138
222
265
18
18-71
18
108
127
215
18
18-72
53
102
213
293
18
18-75
45
18
18-76
––––
18
18-80
45
90
135
160
18
18-91HV
90
180
240
270
20
20-16*
238
318
333
347
20
20-24
70
145
215
290
20
20-25
72
144
216
288
20
20-26
13
107
210
322
20
20-27
72
144
216
288
20
20-39*
63
144
252
333
20
20-41*
45
126
225
20
20-70
63
135
222
335
20
20-90
45
135
225
315
22
22-7
19
41
22
22-21*
16
135
175
349
22
22-25
60
125
211
336
22
22-32
72
145
215
288
22
22-34
62
142
218
298
22
22-36
72
144
216
288
22
22-41
39
135
264
22
22-55*
30
142
226
314
22
22-70
30
82
218
312
22
22-71
33
191
236
270
22
22-72
42
200
277
339
22
22-78
19
41
22
22-96*
19
41
24
24-31
90
225
255
24
24-51
22
171
313
24
24-61*
90
180
270
324
24
24-71
39
131
205
281
24
24-79
––––
®


Similar Part No. - 71-345516

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
71-0.2 SIPAT-71-0.2 Datasheet
193Kb / 3P
   71MHz SAW Filter 0.2MHz Bandwidth
logo
Glenair, Inc.
71-002-1P-4C3.123-P1 GLENAIR-71-002-1P-4C3.123-P1 Datasheet
542Kb / 2P
   Single Row Strips with Solid Wire
logo
List of Unclassifed Man...
71-1040 ETC2-71-1040 Datasheet
1Mb / 30P
   LICON. SNAP ACTION SWITCHES
71-108221-2 ETC2-71-108221-2 Datasheet
397Kb / 3P
   High current capacity control
71-2-L ETC2-71-2-L Datasheet
154Kb / 1P
   Lever ratio 4.17
More results

Similar Description - 71-345516

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com