Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321EUA-T3 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A1321EUA-T3
Description  Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321EUA-T3 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A1321EUA-T3 Datasheet HTML 1Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 2Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 3Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 4Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 5Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 6Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 7Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 8Page - Allegro MicroSystems A1321EUA-T3 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Ratiometric Linear Hall Effect Sensor ICs
for High-Temperature Operation
A1321, A1322,
and
A1323
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
DEVICE CHARACTERISTICS1
over operating temperature (TA) range, unless otherwise noted
Characteristic
Symbol
Test Conditions
Min.
Typ.2
Max.
Units
Electrical Characteristics;
VCC = 5 V, unless otherwise noted
Supply Voltage
Vcc(op)
Operating; Tj < 165°C
4.5
5.0
5.5
V
Supply Current
Icc
B = 0, Iout = 0
5.6
8
mA
Quiescent Voltage
Vout(q)
B = 0, TA = 25ºC, Iout = 1 mA
2.425
2.5
2.575
V
Output Voltage3
Vout(H)
B = +X, Iout = –1 mA
4.7
V
Vout(L)
B = –X, Iout = 1 mA
0.2
V
Output Source Current Limit3
Iout(LM)
B = –X, Vout → 0
–1.0
–1.5
mA
Supply Zener Clamp Voltage
VZ
Icc = 11 mA = Icc(max) + 3
6
8.3
V
Output Bandwidth
BW
30
kHz
Clock Frequency
fC
150
kHz
Output Characteristics;
over VCC range, unless otherwise noted
Noise, Peak-to-Peak4
VN
A1321; Cbypass = 0.1 μF, no load
40
mV
A1322; Cbypass = 0.1 μF, no load
25
mV
A1323; Cbypass = 0.1 μF, no load
20
mV
Output Resistance
Rout
Iout ≤ ±1 mA
1.5
3
Ω
Output Load Resistance
RL
Iout ≤ ±1 mA, VOUT to GND
4.7
Output Load Capacitance
CL
VOUT to GND
10
nF
1 Negative current is defined as conventional current coming out of (sourced from) the specified device terminal.
2 Typical data is at TA = 25°C. They are for initial design estimations only, and assume optimum manufacturing and application
conditions. Performance may vary for individual units, within the specified maximum and minimum limits.
3 In these tests, the vector X is intended to represent positive and negative fields sufficient to swing the output driver between fully OFF
and saturated (ON), respectively. It is NOT intended to indicate a range of linear operation.
4 Noise specification includes both digital and analog noise.


Similar Part No. - A1321EUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321EUA-T ALLEGRO-A1321EUA-T Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
More results

Similar Description - A1321EUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com