Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A1321LUA-T3 Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1321LUA-T3
Description  Ratiometric Linear Hall Effect Sensor ICs for High-Temperature Operation
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1321LUA-T3 Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1321LUA-T3 Datasheet HTML 5Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 6Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 7Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 8Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 9Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 10Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 11Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 12Page - Allegro MicroSystems A1321LUA-T3 Datasheet HTML 13Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Ratiometric Linear Hall Effect Sensor ICs
for High-Temperature Operation
A1321, A1322,
and
A1323
8
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Typical Characteristics, continued
(30 pieces, 3 fabrication lots)
Average Absolute Quiescent Output Voltage, Vout(q), vs Temperature
Vcc = 5 V
2.425
2.45
2.475
2.5
2.525
2.55
2.575
TA (°C)
Average Absolute Sensitivity, Sens, vs Temperature
Vcc = 5 V
2
2.5
3
3.5
4
4.5
5
5.5
6
TA (°C)
A1322
A1321
A1323
Average Delta Quiescent Output Voltage, Vout(q)(
ΔT), vs Temperature
Δ in readings at each temperature are relative to 25°C
Vcc = 5 V
-10
-8
-6
-4
-2
0
2
4
6
8
10
TA (°C)
Quiescent Output Voltage, Vout(q), vs Vcc
TA = 25°C
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
4.5
5
5.5
Vcc (V)
1321
1322
1323
Average Sensitivity, Sens, vs Vcc
TA = 25°C
1
1.5
2
2.5
3
3.5
4
4.5
5
5.5
6
4.5
5
5.5
Vcc (V)
1321
1322
1323
Average Delta Sensitivity,
ΔSens, vs Temperature
Δ in readings at each temperature are relative to 25°C
Vcc = 5 V
-10
-8
-6
-4
-2
0
2
4
6
8
10
TA (°C)


Similar Part No. - A1321LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321LUA-T ALLEGRO-A1321LUA-T Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
More results

Similar Description - A1321LUA-T3

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1321 ALLEGRO-A1321_06 Datasheet
319Kb / 11P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
A1321 ALLEGRO-A1321 Datasheet
413Kb / 9P
   Ratiometric Linear Hall Effect Sensor for High-Temperature Operation
3517 ALLEGRO-3517 Datasheet
305Kb / 13P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
December 31, 2005
A3515 ALLEGRO-A3515 Datasheet
811Kb / 11P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
3515 ALLEGRO-3515 Datasheet
322Kb / 6P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
May 2, 2005
3507 ALLEGRO-3507 Datasheet
170Kb / 8P
   RATIOMETRIC, LINEAR HALL-EFFECT SENSORS FOR HIGH-TEMPERATURE OPERATION
A1301 ALLEGRO-A1301_16 Datasheet
470Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
A1301 ALLEGRO-A1301 Datasheet
239Kb / 10P
   Continuous-Time Ratiometric Linear Hall Effect Sensor ICs
logo
OPTEK Technologies
OHN3150U OPTEK-OHN3150U Datasheet
517Kb / 4P
   Ratiometric Linear Hall-effect Sensor
OMH3150 OPTEK-OMH3150_14 Datasheet
109Kb / 4P
   Ratiometric Linear Hall-effect Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com