Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP303LSN34T1 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NCP303LSN34T1
Description  Voltage Detector Series with Programmable Delay
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP303LSN34T1 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NCP303LSN34T1 Datasheet HTML 7Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 8Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 9Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 10Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 11Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 12Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 13Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 14Page - ON Semiconductor NCP303LSN34T1 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
NCP302, NCP303
http://onsemi.com
11
Figure 9. NCP302L/3L Series 0.9 V
Reset Output Voltage vs. Input Voltage
Figure 10. NCP302L/3L Series 2.7 V
Reset Output Voltage vs. Input Voltage
Figure 11. NCP302L/3L Series 4.5 V
Reset Output Voltage vs. Input Voltage
Figure 12. NCP302H/3L Series 0.9 V
Reset Output Sink Current vs. Input Voltage
Figure 13. NCP302H/3L Series 2.7 V
Reset Output Sink Current vs. Input Voltage
Figure 14. NCP302H/3L Series 4.5 V
Reset Output Sink Current vs. Input Voltage
Vin, INPUT VOLTAGE (V)
0
0.2
0.4
0.6
0.8
1.0
0.8
0.6
0.4
0.2
0
1.0
Vin, INPUT VOLTAGE (V)
1.2
0.8
0.4
0
0.2
0.6
1.0
1.6
0
0.2
0.4
0.6
0.8
1.0
TA = 25°C
TA = −40°C
TA = 85°C
1.4
VOUT = 0.5 V
Vin, INPUT VOLTAGE (V)
0
10
6.0
2.0
0.5
1.0
1.5
2.0
2.5
3.0
4.0
0
8.0
TA = 25°C
TA = −40°C
TA = 125°C
VOUT = 0.5 V
12
0
1.0
1.5
2.0
2.5
3.5
2.0
1.5
1.0
0.5
0
3.5
Vin, INPUT VOLTAGE (V)
0.5
2.5
TA = −40°C (303L only)
TA = 125°C (303L only)
TA = 25°C (303L only)
3.0
3.0
0
1.0
2.0
3.0
4.0
5.0
4.0
3.0
2.0
1.0
0
5.0
6.0
6.0
Vin, INPUT VOLTAGE (V)
TA = −40°C (303L only)
TA = 25°C (303L only)
Vin, INPUT VOLTAGE (V)
0
1.0
2.0
3.0
4.0
5.0
20
5.0
0
10
TA = 25°C
TA = −40°C
TA = 125°C
VOUT = 0.5 V
15
TA = −40°C (303L only)
TA = 25°C (303L only)


Similar Part No. - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
NCP303LSN34T1 ONSEMI-NCP303LSN34T1 Datasheet
177Kb / 26P
   Voltage Detector Series
May, 2014 ??Rev. 26
NCP303LSN34T1G ONSEMI-NCP303LSN34T1G Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
More results

Similar Description - NCP303LSN34T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP302 ONSEMI-NCP302 Datasheet
183Kb / 26P
   Voltage Detector Series with Programmable Delay
January, 2005 ??Rev. 14.5
NCP302 ONSEMI-NCP302_06 Datasheet
194Kb / 26P
   Voltage Detector Series with Programmable Delay
May, 2006 ??Rev. 19
logo
Semtech Corporation
SC1437 SEMTECH-SC1437 Datasheet
93Kb / 8P
   Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
logo
Agamem Microelectronic ...
AA16 AGAMEM-AA16 Datasheet
205Kb / 12P
   Voltage detector with delay
logo
RICOH electronics devic...
RN5VD RICOH-RN5VD Datasheet
198Kb / 28P
   VOLTAGE DETECTOR WITH OUTPUT DELAY
logo
New Japan Radio
NJU7708 NJRC-NJU7708 Datasheet
81Kb / 9P
   VOLTAGE DETECTOR with Delay Function
logo
ELM Electronics
ELM76 ELM-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Pericom Semiconductor C...
PT7M6518 PERICOM-PT7M6518 Datasheet
504Kb / 8P
   Voltage Detector with Adjustable Delay Time
logo
ELM Technology Corporat...
ELM76 ELM-TECH-ELM76 Datasheet
1Mb / 16P
   CMOS Voltage detector with delay function
logo
Microchip Technology
TC51N5002ECBTR MICROCHIP-TC51N5002ECBTR Datasheet
449Kb / 14P
   1A Voltage Detector with Output Delay
05/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com