Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

97-3057-1012 Datasheet(PDF) 11 Page - Amphenol Corporation

Part # 97-3057-1012
Description  Miniature Cylindrical Connectors
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

97-3057-1012 Datasheet(HTML) 11 Page - Amphenol Corporation

Back Button 97-3057-1012 Datasheet HTML 7Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 8Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 9Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 10Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 11Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 12Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 13Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 14Page - Amphenol Corporation 97-3057-1012 Datasheet HTML 15Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
9
Insert Arrangement
18-75
18-76
18-80
18-91 HV
Service Rating
Coax
II
I, Coax
Number of Contacts
4
3
1
6
2
6
Contact Size
8 Coax
12 Coax
8 Coax
20
8 Coax
20
A
D
C
B
H
G
F
E
A
H
G
F
E
D
C
B
P
N
M
L
K
J
Z
Y
X
W
V
U
T
S
R
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
A
M
L
K
J
H
G
F
E
D
C
B
P
N
A
M
L
K
J
H
G
F
E
D
C
B
T
S
R
P
N
Z
Y
X
W
V
U
A
E
DC
B
A
H
G
F
ED
C
B
A
L
K
J
H
G
F
E
D
C
B
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
A
Z
Y
X
W
V
U
T
S
R
P
N
M
L
K
J
H
G
F
E
D
C
B
a
b
c
d
e
f
g
h
j
A
H
G
F
E
D
C
B
J
A
D
C
B
A
G
F
E
D
C
B
H
Amphenol Miniature Cylindrical
insert arrangements
®
front face of pin inserts illustrated
Insert Arrangement
14-AA
16-8
16-23
16-26
16-70
Service Rating
I
II
I
I
N/A
Number of Contacts
4
8
22
1
26
14
1
Contact Size
12
16
20
16
20
20
12 Coax
Insert Arrangement
16-76
16-99
18-5
18-8
18-11
Service Rating
I
II
I
II
Number of Contacts
8
1
5
21
2
5
8
11
Contact Size
20
12*
2 Coax*
20
16
12
12
16
Insert Arrangement
18-30
18-32
18-71
18-72
Service Rating
I
I
II, Coax
N/A
Number of Contacts
29
1
32
8
1
10
4
Contact Size
20
16
20
16
8 Coax
20 12 Coax
Flashover
1.500 VAC (RMS)
*Contact Positions Optional
A
H
B
J
K
D
L
R
E
M
F
N
G
P
C
A
B
C
M
P
L
N
D
E
H
F
G
J
K
A
D
CB
A
D
C
B
Flashover
5,000 VAC (RMS)
A
F
E
DC
B


Similar Part No. - 97-3057-1012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
97-3057-1012 ETC1-97-3057-1012 Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
97-3057-1012 ETC2-97-3057-1012 Datasheet
130Kb / 9P
   GT Connectors - accessories
97-3057-1012-1 ETC1-97-3057-1012-1 Datasheet
157Kb / 4P
   Circular 97 Series Threaded Connectors with Solder Contacts (MIL-C-5015 Type)
More results

Similar Description - 97-3057-1012

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
PT-SERIES AMPHENOL-PT-SERIES Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
12-070-20
12_070-180554 AMPHENOL-12_070-180554 Datasheet
1Mb / 81P
   Miniature Cylindrical Connectors
PT AMPHENOL-PT Datasheet
5Mb / 52P
   Miniature Cylindrical Connectors
MS3116F-10-6S AMPHENOL-MS3116F-10-6S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3112E-12-3P AMPHENOL-MS3112E-12-3P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116F24-61P AMPHENOL-MS3116F24-61P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT06P-12-10S AMPHENOL-PT06P-12-10S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
MS3116J14-18S AMPHENOL-MS3116J14-18S Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PC04A-10-6P AMPHENOL-PC04A-10-6P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
PT02E-12-8P AMPHENOL-PT02E-12-8P Datasheet
1Mb / 80P
   Amphenol Miniature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com