Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A6801 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A6801
Description  DABiC-5 Latched Sink Drivers
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A6801 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A6801_09 Datasheet HTML 3Page - Allegro MicroSystems A6801_09 Datasheet HTML 4Page - Allegro MicroSystems A6801_09 Datasheet HTML 5Page - Allegro MicroSystems A6801_09 Datasheet HTML 6Page - Allegro MicroSystems A6801_09 Datasheet HTML 7Page - Allegro MicroSystems A6801_09 Datasheet HTML 8Page - Allegro MicroSystems A6801_09 Datasheet HTML 9Page - Allegro MicroSystems A6801_09 Datasheet HTML 10Page - Allegro MicroSystems A6801_09 Datasheet HTML 11Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
DABiC-5 Latched Sink Drivers
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
A6800 and
A6801
Package L (A6800) 14-pin SOICN
Package LW (A6801) 24-pin SOICW
C
SEATING
PLANE
2
1
14
GAUGE PLANE
SEATING PLANE
For Reference Only
Dimensions in millimeters
(reference JEDEC MS-012 AB)
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
A
1.27
A Terminal #1 mark area
B PCB Layout Reference View
B Reference pad layout (reference IPC SOIC127P600X175-14M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
3.90 ±0.10
9.90 ±0.10
6.00 ±0.20
0.21 ±0.04
4° ±4
0.25
0.84 +0.43
–0.44
1.75 MAX
1.27
1.75
0.65
5.60
0.18 +0.07
–0.08
C
0.10
14X
0.41 ±0.10
1.27
B Reference pad layout (reference IPC SOIC127P1030X265-24M)
All pads a minimum of 0.20 mm from all adjacent pads; adjust as necessary
to meet application process requirements and PCB layout tolerances
B
0.20 ±0.10
0.41 ±0.10
2.20
0.65
9.60
1.27
2
1
24
A
15.40±0.20
2.65 MAX
10.30±0.33
7.50±0.10
C
SEATING
PLANE
C
0.10
24X
For Reference Only
(Reference JEDEC MS-013 AD)
Dimensions exclusive of mold flash, gate burrs, and dambar protrusions
Exact case and lead configuration at supplier discretion within limits shown
A Terminal #1 mark area
0.25
GAUGE PLANE
SEATING PLANE
PCB Layout Reference View
4° ±4
0.27 +0.07
–0.06
0.84 +0.44
–0.43
2
1
24


Similar Part No. - A6801_09

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A68015C0GL5 VISHAY-A68015C0GL5 Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
logo
Allegro MicroSystems
A6801SA ALLEGRO-A6801SA Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
A6801SA-T ALLEGRO-A6801SA-T Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
A6801SEP ALLEGRO-A6801SEP Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
A6801SEP-T ALLEGRO-A6801SEP-T Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
More results

Similar Description - A6801_09

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A6801SLWTR-T ALLEGRO-A6801SLWTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800SLTR-T ALLEGRO-A6800SLTR-T Datasheet
259Kb / 11P
   DABiC-5 Latched Sink Drivers
A6800 ALLEGRO-A6800 Datasheet
436Kb / 12P
   DABiC-5 Latched Sink Drivers
A6833 ALLEGRO-A6833 Datasheet
174Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6821 ALLEGRO-A6821 Datasheet
220Kb / 9P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
A6832 ALLEGRO-A6832 Datasheet
170Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6832SEPTR-T ALLEGRO-A6832SEPTR-T Datasheet
211Kb / 7P
   DABiC-5 32-Bit Serial Input Latched Sink Drivers
A6841 ALLEGRO-A6841 Datasheet
248Kb / 10P
   DABiC-5 8-Bit Serial Input Latched Sink Drivers
6809 ALLEGRO-6809 Datasheet
150Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVERS
A6810 ALLEGRO-A6810 Datasheet
115Kb / 8P
   DABiC-IV, 10-BIT SERIAL-INPUT, LATCHED SOURCE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com