Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8657ARMZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8657ARMZ-R7
Description  18 V, Precision, Micropower CMOS RRIO Operational Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8657ARMZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  AD8657ARMZ-R7 Datasheet HTML 1Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 2Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 3Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 4Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 5Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 6Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 7Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 8Page - Analog Devices AD8657ARMZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
18 V, Precision, Micropower
CMOS RRIO Operational Amplifier
AD8657
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Micropower at high voltage (18 V): 18 μA typical
Low offset voltage: 350 μV maximum
Single-supply operation: 2.7 V to 18 V
Dual-supply operation: ±1.35 V to ±9 V
Low input bias current: 20 pA
Gain bandwidth: 200 kHz
Unity-gain stable
Excellent electromagnetic interference immunity
APPLICATIONS
Portable operating systems
Current monitors
4 mA to 20 mA loop drivers
Buffer/level shifting
Multipole filters
Remote/wireless sensors
Low power transimpedance amplifiers
PIN CONFIGURATION
OUT A 1
–IN A 2
+IN A 3
V–
4
V+
8
OUT B
7
–IN B
6
+IN B
5
AD8657
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead MSOP
AD8657
TOP VIEW
(Not to Scale)
NOTES
1. IT IS RECOMMENDED TO CONNECT
THE EXPOSED PAD TO V–.
3
+IN A
4
V–
1
OUT A
2
–IN A
6 –IN B
5 +IN B
8V+
7OUT B
Figure 2. 8-Lead LFCSP
GENERAL DESCRIPTION
The AD8657 is a dual, micropower, precision, rail-to-rail
input/output amplifier optimized for low power and wide
operating supply voltage range applications.
The AD8657 operates from 2.7 V up to 18 V with a typical
quiescent supply current of 18 μA. It uses the Analog Devices,
Inc., patented DigiTrim® trimming technique, which achieves
low offset voltage. The AD8657 also has high immunity to
electromagnetic interference.
The combination of low supply current, low offset voltage, very
low input bias current, wide supply range, and rail-to-rail input
and output makes the AD8657 ideal for current monitoring and
current loops in process and motor control applications. The
combination of precision specifications makes this device ideal
for dc gain and buffering of sensor front ends or high impedance
input sources in wireless or remote sensors or transmitters.
The AD8657 is specified over the extended industrial tempera-
ture range (−40°C to +125°C) and is available in an 8-lead MSOP
package and an 8-lead LFCSP package.
Table 1. Micropower Op Amps
Supply Voltage
5 V
12 V to 16 V
36 V
Single
AD8500
AD8663
ADA4505-1
AD8505
AD8541
AD8603
Dual
AD8502
AD8667
OP295
ADA4505-2
OP281
ADA4062-2
AD8506
AD8542
AD8607
Quad
AD8504
AD8669
OP495
ADA4505-4
OP481
ADA4062-4
AD8508
AD8544
AD8609


Similar Part No. - AD8657ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657ARMZ-R7 AD-AD8657ARMZ-R7 Datasheet
719Kb / 24P
   22 mu A, RRIO, CMOS,18 V Operational Amplifiers
REV. B
More results

Similar Description - AD8657ARMZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8657 AD-AD8657 Datasheet
1Mb / 24P
   18 V, Precision, Micropower CMOS RRIO Operational Amplifier
REV. 0
ADA4091-2 AD-ADA4091-2_16 Datasheet
550Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
ADA4091-2 AD-ADA4091-2 Datasheet
478Kb / 20P
   Precision Micropower, OVP, RRIO Operational Amplifier
Rev. E
ADA4661-2 AD-ADA4661-2 Datasheet
904Kb / 32P
   18 V, Precision, 725 A, 4 MHz, CMOS RRIO Operational Amplifier
REV. 0
ADA4092-4 AD-ADA4092-4_16 Datasheet
690Kb / 21P
   Micropower RRIO Operational Amplifier
logo
Advanced Linear Devices
ALD1731A ALD-ALD1731A Datasheet
92Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
logo
Analog Devices
AD8500 AD-AD8500_15 Datasheet
457Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. B
AD8500 AD-AD8500 Datasheet
630Kb / 12P
   Micropower Precision CMOS Operational Amplifier
REV. A
logo
ADL Embedded Solutions
ALD1721 ADL-ALD1721 Datasheet
108Kb / 9P
   PRECISION MICROPOWER CMOS OPERATIONAL AMPLIFIER
2011
logo
Analog Devices
ADA4661-2-KGD AD-ADA4661-2-KGD Datasheet
260Kb / 11P
   18 V, Precision, 725 μA, 4 MHz, CMOS RRIO Operational
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com