Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FFAF40U60DN Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FFAF40U60DN
Description  ULTRA FAST RECOVERY POWER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFAF40U60DN Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FFAF40U60DN Datasheet HTML 1Page - Fairchild Semiconductor FFAF40U60DN Datasheet HTML 2Page - Fairchild Semiconductor FFAF40U60DN Datasheet HTML 3Page - Fairchild Semiconductor FFAF40U60DN Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2000 Fairchild Semiconductor International
Rev. F, September 2000
Typical Characteristics
Typical Characteristics
Figure 1. Typical Forward Voltage Drop
vs. Forward Current
Figure 3. Typical Junction Capacitance
Figure 5. Typical Reverse Recovery Current
vs. di/dt
Figure 2. Typical Reverse Current
vs. Reverse Voltage
Figure 4. Typical Reverse Recovery Time
vs. di/dt
Figure 6. Forward Current Derating Curve
0.1
1
10
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
T
C = 25
o
C
T
C = 100
oC
Forward Voltage , V
F [V]
0.1
1
10
100
100
200
300
400
Typical Capacitance
at 0V = 403 pF
Reverse Voltage , V
R
[V]
100
500
0
2
4
6
8
10
12
14
16
I
F = 40A
T
C
= 25
o
C
di/dt [A/
µs]
100
200
300
400
500
600
1E-3
0.01
0.1
1
10
100
1000
T
C = 100
oC
T
C = 25
oC
Reverse Voltage , V
R [V]
100
500
60
70
80
90
100
I
F = 40A
T
C
= 25
oC
di/dt [A/
µs]
60
80
100
120
140
160
0
10
20
30
40
50
60
Case Temperature , T
C [
o
C]


Similar Part No. - FFAF40U60DN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFAF40UP20DN FAIRCHILD-FFAF40UP20DN Datasheet
164Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
Thinki Semiconductor Co...
FFAF40UP20DN THINKISEMI-FFAF40UP20DN Datasheet
3Mb / 4P
   40Ampere,200Volt Insulated Package Epitaxial Ultrafast Recovery Power Rectifier
FFAF40UP20DNTU THINKISEMI-FFAF40UP20DNTU Datasheet
3Mb / 4P
   40Ampere,200Volt Insulated Package Epitaxial Ultrafast Recovery Power Rectifier
More results

Similar Description - FFAF40U60DN

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N6626D3A SEME-LAB-1N6626D3A Datasheet
282Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
KODENSHI_AUK CORP.
SF1A600H KODENSHI-SF1A600H Datasheet
246Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A600H KODENSHI-SF3A600H Datasheet
244Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
SF3A400H-1 KODENSHI-SF3A400H-1 Datasheet
266Kb / 5P
   ULTRA FAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFA15U120DN FAIRCHILD-FFA15U120DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFA20U20DN FAIRCHILD-FFA20U20DN Datasheet
73Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF10U120DN FAIRCHILD-FFAF10U120DN Datasheet
77Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF15U20DN FAIRCHILD-FFAF15U20DN Datasheet
75Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U20DN FAIRCHILD-FFAF20U20DN Datasheet
76Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFAF20U60DN FAIRCHILD-FFAF20U60DN Datasheet
112Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
FFB20U20S FAIRCHILD-FFB20U20S Datasheet
111Kb / 4P
   ULTRA FAST RECOVERY POWER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com