Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9432BSVZ-801 Datasheet(PDF) 10 Page - Analog Devices

Part # AD9432BSVZ-801
Description  12-Bit, 80 MSPS/105 MSPS ADC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9432BSVZ-801 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9432BSVZ-801 Datasheet HTML 6Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 7Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 8Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 9Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 10Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 11Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 12Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 13Page - Analog Devices AD9432BSVZ-801 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD9432
Rev. F | Page 10 of 16
ANALOG INPUT POWER LEVEL (dBFS)
–80
–70
–50
–40
–30
0
–20
–10
–60
110
90
100
70
80
50
60
40
10
20
30
0
ENCODE = 105MSPS
AIN = 50.3MHz
dBFS
dBc
Figure 17. Single-Tone SFDR, fS = 105 MSPS, fIN = 50.3 MHz
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
Figure 18. Differential Nonlinearity, fS = 105 MSPS
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
Figure 19. Integral Nonlinearity, fS = 105 MSPS
CURRENT (mA)
02
6
8
4
3.0
2.5
2.0
1.5
10
Figure 20. Voltage Reference Output vs. Current Load


Similar Part No. - AD9432BSVZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BSVZ-801 AD-AD9432BSVZ-801 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
More results

Similar Description - AD9432BSVZ-801

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9432BSQZ-80 AD-AD9432BSQZ-80 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. E
AD9432 AD-AD9432_15 Datasheet
517Kb / 16P
   12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD9432 AD-AD9432_17 Datasheet
441Kb / 17P
   12-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9460 AD-AD9460 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
AD9460 AD-AD9460_15 Datasheet
1Mb / 32P
   16-Bit, 80 MSPS/105 MSPS ADC
REV. 0
logo
NXP Semiconductors
ADC1213D NXP-ADC1213D Datasheet
295Kb / 41P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps
Rev. 05-23 April 2010
logo
Analog Devices
AD9633 AD-AD9633 Datasheet
1Mb / 40P
   Quad, 12-Bit, 80 MSPS/105 MSPS
REV. 0
AD9627 AD-AD9627_15 Datasheet
2Mb / 76P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS/150 MSPS
REV. B
logo
NXP Semiconductors
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
   Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com