Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9826KRSZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9826KRSZ
Description  Complete 16-Bit Imaging Signal Processor
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9826KRSZ Datasheet(HTML) 4 Page - Analog Devices

  AD9826KRSZ Datasheet HTML 1Page - Analog Devices AD9826KRSZ Datasheet HTML 2Page - Analog Devices AD9826KRSZ Datasheet HTML 3Page - Analog Devices AD9826KRSZ Datasheet HTML 4Page - Analog Devices AD9826KRSZ Datasheet HTML 5Page - Analog Devices AD9826KRSZ Datasheet HTML 6Page - Analog Devices AD9826KRSZ Datasheet HTML 7Page - Analog Devices AD9826KRSZ Datasheet HTML 8Page - Analog Devices AD9826KRSZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD9826
–4–
THERMAL CHARACTERISTICS
Thermal Resistance
28-Lead 5.3 mm SSOP
θJA = 109°C/W
θJC = 39°C/W
ABSOLUTE MAXIMUM RATINGS*
With
Respect
Parameter
To
Min Max
Unit
VIN, CAPT, CAPB
AVSS
–0.3 AVDD + 0.3
V
Digital Inputs
AVSS
–0.3 AVDD + 0.3
V
AVDD
AVSS
–0.5 +6.5
V
DRVDD
DRVSS
–0.5 +6.5
V
AVSS
DRVSS
–0.3 +0.3
V
Digital Outputs
DRVSS
–0.3 DRVDD + 0.3 V
Junction Temperature
150
°C
Storage Temperature
–65
+150
°C
Lead Temperature
300
°C
(10 sec)
*
Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD9826 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are recom-
mended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
REV. B


Similar Part No. - AD9826KRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826KRS AD-AD9826KRS Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
More results

Similar Description - AD9826KRSZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9826 AD-AD9826 Datasheet
159Kb / 20P
   Complete 16-Bit Imaging Signal Processor
REV. A
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD80066 AD-AD80066_15 Datasheet
388Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
AD80066 AD-AD80066 Datasheet
427Kb / 20P
   Complete 16-Bit CCD/CIS Signal Processor
REV. A
logo
National Semiconductor ...
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
logo
C&D Technologies
ADCDS-1403 CANDD-ADCDS-1403 Datasheet
192Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
Murata Manufacturing Co...
ADCDS-1405 MURATA-ADCDS-1405 Datasheet
248Kb / 9P
   14-Bit, 5 Megapixels/Second Imaging Signal Processor
logo
Murata Power Solutions ...
ADCDS-1403 MURATA-PS-ADCDS-1403 Datasheet
229Kb / 9P
   14-Bit, 3 Megapixels/Second Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com