Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC2950T Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # UC2950T
Description  Half-Bridge Bipolar Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC2950T Datasheet(HTML) 3 Page - Texas Instruments

  UC2950T Datasheet HTML 1Page - Texas Instruments UC2950T Datasheet HTML 2Page - Texas Instruments UC2950T Datasheet HTML 3Page - Texas Instruments UC2950T Datasheet HTML 4Page - Texas Instruments UC2950T Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC2950T
ACTIVE
TO-220
KC
5
50
Green (RoHS &
no Sb/Br)
CU SN
N / A for Pkg Type
UC2950TG3
ACTIVE
TO-220
KC
5
50
Green (RoHS &
no Sb/Br)
CU SN
N / A for Pkg Type
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
package, or 2) lead-based die adhesive used between the die and leadframe. The component is otherwise considered Pb-Free (RoHS
compatible) as defined above.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
16-Oct-2007
Addendum-Page 1


Similar Part No. - UC2950T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
[Old version datasheet]   Half-Bridge Bipolar Switch
More results

Similar Description - UC2950T

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2950 TI-UC2950 Datasheet
163Kb / 3P
[Old version datasheet]   Half-Bridge Bipolar Switch
logo
Allegro MicroSystems
UDN-2935Z ALLEGRO-UDN-2935Z Datasheet
562Kb / 7P
   BIPOLAR HALF-BRIDGE MOTOR DRIVERS
logo
Solid States Devices, I...
PM0027A SSDI-PM0027A_15 Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A Datasheet
148Kb / 3P
   HALF BRIDGE
PM0027A SSDI-PM0027A Datasheet
140Kb / 3P
   HALF BRIDGE
PM0028A SSDI-PM0028A_15 Datasheet
148Kb / 3P
   HALF BRIDGE
logo
Fairchild Semiconductor
FSFA2100 FAIRCHILD-FSFA2100 Datasheet
688Kb / 16P
   Power Switch (FPS?? for Half-Bridge PWM Converters
logo
Intersil Corporation
ISL6571 INTERSIL-ISL6571 Datasheet
374Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
logo
Renesas Technology Corp
ISL6571 RENESAS-ISL6571 Datasheet
379Kb / 11P
   Complementary MOSFET Driver and Synchronous Half-Bridge Switch
April 18, 2005
logo
Fairchild Semiconductor
FSFR2100 FAIRCHILD-FSFR2100_08 Datasheet
959Kb / 17P
   Power Switch (FPS?? for Half-Bridge Resonant Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com