Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3717AQG3 Datasheet(PDF) 5 Page - Texas Instruments

Part # UC3717AQG3
Description  Stepper Motor Drive Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3717AQG3 Datasheet(HTML) 5 Page - Texas Instruments

  UC3717AQG3 Datasheet HTML 1Page - Texas Instruments UC3717AQG3 Datasheet HTML 2Page - Texas Instruments UC3717AQG3 Datasheet HTML 3Page - Texas Instruments UC3717AQG3 Datasheet HTML 4Page - Texas Instruments UC3717AQG3 Datasheet HTML 5Page - Texas Instruments UC3717AQG3 Datasheet HTML 6Page - Texas Instruments UC3717AQG3 Datasheet HTML 7Page - Texas Instruments UC3717AQG3 Datasheet HTML 8Page - Texas Instruments UC3717AQG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PHASE POLARITY INPUT
The UC3717A phase polarity input controls current direc-
tion in the motor winding. Built-in hysteresis insures im-
munity
to
noise,
something
frequently
present
in
switched drive environments. A low level phase polarity
input enables Q2 and Q3 as shown in Figure 7. During
phase reversal, the active transistors are both turned off
while winding current delays through the commutating di-
odes shown. As winding current decays to zero, the inac-
tive transistors Q1 and Q4 turn on and charge the
winding with current of the reverse direction. This delay
insures noise immunity and freedom from power supply
current spikes caused by overlapping drive signals.
PHASE INPUT
Q1, Q4
Q2, Q3
LOW
OFF
ON
HIGH
ON
OFF
CURRENT CONTROL
The voltage divider, comparators, monostable, and two-
bit D/A provide a means to sense winding peak current,
select winding peak current, and disable the winding sink
transistors.
The UC3717A switched driver accomplishes current con-
trol using an algorithm referred to as "fixed off-time."
When a voltage is applied across the motor winding, the
current through the winding increases exponentially. The
current can be sensed across an external resistor as an
analog voltage proportional to instantaneous current.
This voltage is normally filtered with a simple RC low-
pass network to remove high frequency transients, and
then compared to one of the three selectable thresholds.
The two bit D/A input signal determines which one of the
three thresholds is selected, corresponding to a desired
winding peak current level. At the moment the sense volt-
age rises above the selected threshold, the UC3717A’s
monostable is triggered and disables both output sink
drivers for a fixed off-time. The winding current then cir-
culates through the source transistor and appropriate di-
ode. The reference terminal of the UC3717A provides a
means of continuously adjusting the current threshold to
allow microstepping. Table 1 presents the relationship
between the two-bit D/A input signal and selectable cur-
rent level.
TABLE 1
IO
I1
CURRENT LEVEL
0
0
100%
10
60%
01
19%
1
1
Current Inhibit
OVERLOAD PROTECTION
The UC3717A is equipped with a new, more reliable ther-
mal shutdown circuit which limits the junction tempera-
ture to a maximum of 180C by reducing the winding cur-
rent.
PERFORMANCE CONSIDERATIONS
In order to achieve optimum performance from the
UC3717A careful attention should be given to the follow-
ing items.
External Components: The UC3717A requires a mini-
mal number of external components to form a complete
control and switch drive unit. However, proper selection
of external components is necessary for optimum per-
formance. The timing pin, (pin 2) is normally connected
to an RC network which sets the off-time for the sink
power transistor during switched mode. As shown in Fig-
ure 8, prior to switched mode, the winding current in-
creases exponentially to a peak value. Once peak
current is attained the monostable is triggered which
turns off the lower sink drivers for a fixed off-time. During
off-time winding current decays through the appropriate
diode and source transistor. The moment off-time times
out, the motor current again rises exponentially produc-
ing the ripple waveform shown. The magnitude of wind-
ing ripple is a direct function of off-time. For a given
off-time TOFF, the values of RT and CT can be calculated
from the expression:
TOFF
= 0.69RTCT
with the restriction that RT should be in the range of 10-
100k. As shown in Figure 5, the switch frequency FS is a
function of TOFF and TON. Since TON is a function of the
reference voltage, sense resistor, motor supply, and
winding electrical characteristics, it generally varies dur-
ing different modes of operation. Thus, FS may be ap-
proximated nominally as:
FS
= 11.5 (TOFF).
Normally, Switch Frequency Is Selected Greater than
Figure 8. A typical winding current waveform. Wind-
ing current rises exponentially to a selected peak
value. The peak value is limited by switched mode
operation producing a ripple in winding current. A
phase polarity reversal command is given and wind-
ing current decays to zero, then increases exponen-
tially.
UC3717A
FUNCTIONAL DESCRIPTION (cont.)
5


Similar Part No. - UC3717AQG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3717AQG3 TI1-UC3717AQG3 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
More results

Similar Description - UC3717AQG3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA3717 ETC1-TDA3717 Datasheet
270Kb / 6P
   STEPPER MOTOR DRIVE CIRCUIT
logo
Texas Instruments
UC3717Q TI-UC3717Q Datasheet
479Kb / 10P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
NXP Semiconductors
SAA1027 PHILIPS-SAA1027 Datasheet
214Kb / 9P
   STEPPER MOTOR DRIVE CIRCUIT
December 1974
logo
Texas Instruments
UC3717A TI-UC3717A Datasheet
454Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI1-UC1517_12 Datasheet
540Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
logo
Ericsson
PBL3717 ERICSSON-PBL3717 Datasheet
508Kb / 7P
   Stepper Motor Drive Circuit
September 1989
PBD3517-1 ERICSSON-PBD3517-1 Datasheet
135Kb / 10P
   Stepper Motor Drive Circuit
logo
Texas Instruments
UC1717 TI-UC1717 Datasheet
515Kb / 9P
[Old version datasheet]   Stepper Motor Drive Circuit
SLUS369 TI1-SLUS369 Datasheet
648Kb / 12P
[Old version datasheet]   Stepper Motor Drive Circuit
UC1517 TI-UC1517 Datasheet
402Kb / 8P
[Old version datasheet]   Stepper Motor Drive Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com