Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVAL-ADV7611EB1Z Datasheet(PDF) 1 Page - Analog Devices

Part # EVAL-ADV7611EB1Z
Description  Low Power 165 MHz HDMI Receiver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADV7611EB1Z Datasheet(HTML) 1 Page - Analog Devices

  EVAL-ADV7611EB1Z Datasheet HTML 1Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 2Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 3Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 4Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 5Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 6Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 7Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 8Page - Analog Devices EVAL-ADV7611EB1Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Low Power 165 MHz HDMI Receiver
Data Sheet
ADV7611
Rev.
D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113 ©
2010-2012 Analog Devices, Inc. All rights reserved.
FEATURES
High-Definition Multimedia Interface (HDMI®) 1.4a features
supported
All mandatory and additional 3D video formats supported
Extended colorimetry, including sYCC601, Adobe RGB,
Adobe YCC 601, xvYCC extended gamut color
CEC 1.4-compatible
HDMI receiver
165 MHz maximum TMDS clock frequency
24-bit output pixel bus
High-bandwidth Digital Content Protection (HDCP) 1.4
support with internal HDCP keys
HDCP repeater support
Up to 127 KSVs supported
Integrated CEC controller
Programmable HDMI equalizer
5 V detect and Hot Plug assert for HDMI port
Audio support
SPDIF (IEC 60958-compatible) digital audio
HDMI audio extraction support
Advanced audio mute feature
General
Interrupt controller with two interrupt outputs
Standard identification (STDI) circuit
Highly flexible 24-bit pixel output interface
Internal EDID RAM
Any-to-any 3 × 3 color space conversion (CSC) matrix
2-layer PCB design supported
64-lead LQFP_EP, 10 mm × 10 mm package
Qualified for automotive applications
APPLICATIONS
Projectors
Automotive
Video conferencing
HDTVs
AVR, HTiB
Soundbars
Video switches
FUNCTIONAL BLOCK DIAGRAM
HS/VS
4
I2S
S/PDIF
HDCP
KEYS
TMDS
DDC
HDMI1
DEEP
COLOR
HDMI Rx
ADV7611
COMPONENT
PROCESSOR
36
FIELD/DE
LLC
DATA
MCLK
SCLK
LRCLK
LRCLK
AP
MCLK
SCLK
24-BIT
YCbCr/RGB
HS
VS/FIELD
DE
LLC
Figure 1.


Similar Part No. - EVAL-ADV7611EB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
EVAL-ADV7612-7511 AD-EVAL-ADV7612-7511 Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
EVAL-ADV7612-7511 AD-EVAL-ADV7612-7511 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
EVAL-ADV7612-7511P AD-EVAL-ADV7612-7511P Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
EVAL-ADV7612-7511P AD-EVAL-ADV7612-7511P Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
EVAL-ADV7612EB1Z AD-EVAL-ADV7612EB1Z Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
More results

Similar Description - EVAL-ADV7611EB1Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7610 AD-ADV7610 Datasheet
279Kb / 16P
   Low Power, 165 MHz HDMI Receiver
REV. 0
ADV7511W AD-ADV7511W_12 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7513 AD-ADV7513_14 Datasheet
199Kb / 12P
   165 MHz, High Performance HDMI Transmitter
ADV7612 AD-ADV7612_14 Datasheet
308Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
ADV7612BSWZ AD-ADV7612BSWZ Datasheet
501Kb / 20P
   Dual Port, Xpressview, 225 MHz HDMI Receiver
REV. D
logo
Silicon image
SII9033 SILICONIMAGE-SII9033 Datasheet
314Kb / 2P
   HDMI Receiver
SII9023 SILICONIMAGE-SII9023 Datasheet
310Kb / 2P
   HDMI Receiver
logo
Analog Devices
ADV7511W AD-ADV7511W Datasheet
191Kb / 12P
   165 MHz, High Performance HDMI Transmitter 3D video support
REV. 0
logo
Silicon image
SII9135 SILICONIMAGE-SII9135 Datasheet
288Kb / 2P
   VastLane??HDMI Receiver
SII9233 SILICONIMAGE-SII9233 Datasheet
240Kb / 2P
   VastLane HDMI Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com