Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5962-9462201MVA Datasheet(PDF) 4 Page - Texas Instruments

Part # 5962-9462201MVA
Description  Resonant Fluorescent Lamp Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

5962-9462201MVA Datasheet(HTML) 4 Page - Texas Instruments

  5962-9462201MVA Datasheet HTML 1Page - Texas Instruments 5962-9462201MVA Datasheet HTML 2Page - Texas Instruments 5962-9462201MVA Datasheet HTML 3Page - Texas Instruments 5962-9462201MVA Datasheet HTML 4Page - Texas Instruments 5962-9462201MVA Datasheet HTML 5Page - Texas Instruments 5962-9462201MVA Datasheet HTML 6Page - Texas Instruments 5962-9462201MVA Datasheet HTML 7Page - Texas Instruments 5962-9462201MVA Datasheet HTML 8Page - Texas Instruments 5962-9462201MVA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Figure 1
UC1871
UC2871
UC3871
Figure 1 shows a complete application circuit using the
UC3871 Resonant Fluorescent lamp and LCD driver.
The IC provides all drive, control and housekeeping func-
tions to implement CCFL and LCD converters. The buck
output voltage (transformer center-tap) provides the zero
crossing and synchronization signal. The LCD supply
modulator is also synchronized to the resonant tank.
The buck modulator drives a P-channel MOSFET di-
rectly, and operates over a 0-100% duty-cycle range. The
modulation range includes 100%, allowing operation with
minimal headroom. The LCD supply modulator also di-
rectly drives a P-channel MOSFET, but it’s duty-cycle is
limited to 95% to prevent flyback supply foldback.
The oscillator and synchronization circuitry are shown in
Figure 2. The oscillator is designed to synchronize over a
3:1 frequency range. In an actual application however,
the frequency range is only about 1.5:1. A zero detect
comparator senses the primary center-tap voltage, gen-
erating a synchronization pulse when the resonant wave-
form falls to zero. The actual threshold is 0.5 volts,
providing a small amount of anticipation to offset propa-
gation delay.
The synchronization pulse width is the time that the 4mA
current sink takes to discharge the timing capacitor to 0.1
volts. This pulse width sets the LCD supply modulator
minimum off time, and also limits the minimum linear
control range of the buck modulator. The 200
µA current
source charges the capacitor to a maximum of 3 volts. A
comparator blanks the zero detect signal until the capaci-
tor voltage exceeds 1 volt, preventing multiple synchroni-
zation pulse generation and setting the maximum
frequency. If the capacitor voltage reaches 3 volts (a zero
detection has not occurred) an internal clock pulse is
generated to limit the minimum frequency.
TYPICAL APPLICATION
APPLICATION INFORMATION
4


Similar Part No. - 5962-9462201MVA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
5962-9462401 IRF-5962-9462401 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9462501 IRF-5962-9462501 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
5962-9462601 IRF-5962-9462601 Datasheet
97Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
logo
M.S. Kennedy Corporatio...
5962-94629 MSK-5962-94629 Datasheet
265Kb / 9P
   6W DC-DC CONVERTERS
logo
Anaren Microwave
5962-94629 ANAREN-5962-94629 Datasheet
412Kb / 9P
   6W DC-DC CONVERTERS
More results

Similar Description - 5962-9462201MVA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1871 TI-UC1871 Datasheet
466Kb / 6P
[Old version datasheet]   Resonant Fluorescent Lamp Driver
logo
Monolithic Power System...
MP1010B MPS-MP1010B Datasheet
35Kb / 1P
   Cold Cathode Fluorescent Lamp Driver
MP1011A MPS-MP1011A Datasheet
128Kb / 6P
   Cold Cathode Fluorescent Lamp Driver
HR2000 MPS-HR2000 Datasheet
992Kb / 20P
   Fluorescent Lamp HB Driver with PFC
logo
Texas Instruments
UCC3973PWTRG4 TI1-UCC3973PWTRG4 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI1-UCC1972_13 Datasheet
895Kb / 24P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
UCC1972 TI-UCC1972 Datasheet
308Kb / 17P
[Old version datasheet]   BiCMOS Cold Cathode Fluorescent Lamp Driver Controller
logo
Cirrus Logic
CRD1601-120W CIRRUS-CRD1601-120W Datasheet
290Kb / 12P
   High-efficiency PFC Fluorescent Lamp Driver Reference Design
logo
NXP Semiconductors
UBA2017 PHILIPS-UBA2017 Datasheet
530Kb / 29P
   600 V fluorescent lamp driver with linear dimming function
Rev. 2-15 May 2012
logo
Texas Instruments
UC1872 TI1-UC1872_09 Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com