Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1901 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC1901
Description  Isolated Feedback Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1901 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC1901_11 Datasheet HTML 3Page - Texas Instruments UC1901_11 Datasheet HTML 4Page - Texas Instruments UC1901_11 Datasheet HTML 5Page - Texas Instruments UC1901_11 Datasheet HTML 6Page - Texas Instruments UC1901_11 Datasheet HTML 7Page - Texas Instruments UC1901_11 Datasheet HTML 8Page - Texas Instruments UC1901_11 Datasheet HTML 9Page - Texas Instruments UC1901_11 Datasheet HTML 10Page - Texas Instruments UC1901_11 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
5-Dec-2011
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins
Package Qty
Eco Plan
(2)
Lead/
Ball Finish
MSL Peak Temp
(3)
Samples
(Requires Login)
5962-89441012A
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Call TI
5962-8944101CA
ACTIVE
CDIP
J
14
1
TBD
Call TI
Call TI
5962-8944101VCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
UC1901J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
UC1901J883B
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
UC1901L
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
UC1901L883B
ACTIVE
LCCC
FK
20
1
TBD
POST-PLATE N / A for Pkg Type
UC2901D
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2901DG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2901DTR
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2901DTR/80209
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
UC2901DTR/80209G4
OBSOLETE
SOIC
D
14
TBD
Call TI
Call TI
UC2901DTRG4
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC2901J
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
UC2901N
ACTIVE
PDIP
N
14
25
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC2901NG4
ACTIVE
PDIP
N
14
25
Green (RoHS
& no Sb/Br)
CU NIPDAU N / A for Pkg Type
UC2901Q
ACTIVE
PLCC
FN
20
46
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC2901QG3
ACTIVE
PLCC
FN
20
46
Green (RoHS
& no Sb/Br)
CU SN
Level-2-260C-1 YEAR
UC3901D
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3901DG4
ACTIVE
SOIC
D
14
50
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR
UC3901DTR
ACTIVE
SOIC
D
14
2500
Green (RoHS
& no Sb/Br)
CU NIPDAU Level-2-260C-1 YEAR


Similar Part No. - UC1901_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901J TI-UC1901J Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC1901L TI-UC1901L Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
More results

Similar Description - UC1901_11

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com