Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3872DW Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3872DW
Description  Resonant Lamp Ballast Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3872DW Datasheet(HTML) 2 Page - Texas Instruments

  UC3872DW Datasheet HTML 1Page - Texas Instruments UC3872DW Datasheet HTML 2Page - Texas Instruments UC3872DW Datasheet HTML 3Page - Texas Instruments UC3872DW Datasheet HTML 4Page - Texas Instruments UC3872DW Datasheet HTML 5Page - Texas Instruments UC3872DW Datasheet HTML 6Page - Texas Instruments UC3872DW Datasheet HTML 7Page - Texas Instruments UC3872DW Datasheet HTML 8Page - Texas Instruments UC3872DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
UC1872
UC2872
UC3872
ELECTRICAL CHARACTERISTICS: Unless otherwise stated, these parameters apply for TJ =
−55° C to +125°C for the
UC1872, –40
° C to +85° C for the UC2872, −0°C to +70°C for the UC3872; VCC= 5V, VC = 15V, VENBL = 5V, CT = 1nF, ZD = 1V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Reference Section
Output Voltage
TJ = 25
° C
2.963
3.000
3.037
V
Over Temperature
2.940
3.000
3.060
V
Line Regulation
VCC = 4.75V to 18V
10
mV
Load Regulation
IO = 0 to −5mA
10
mV
Oscillator Section
Free Running Frequency
TJ = 25° C
576878
kHz
Maximum Synchronization Frequency
TJ = 25° C
160
200
240
kHz
Charge Current
VCT = 1.5V
180
200
220
µA
Voltage Stability
2%
Temperature Stability
48
%
Zero Detect Threshold
0.46
0.5
0.56
V
Error Amp Section
Input Voltage
VO = 2V
1.445
1.475
1.505
V
Input Bias Current
−0.4
−2
µA
Open Loop Gain
VO = 0.5 to 3V
65
90
dB
Output High
VINV = 1.3V
3.1
3.5
3.9
V
ABSOLUTE MAXIMUM RATINGS
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
−0.3 to +10V
VCC, VC Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +24V
ZD Input Current
High Impedance Source . . . . . . . . . . . . . . . . . . . . . . +10mA
ZD Input Voltage
Low Impedance Source . . . . . . . . . . . . . . . . . . . . . . . . +24V
Power Dissipation at TA = 25
° C . . . . . . . . . . . . . . . . . . . . . . 1W
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65° C to +150° C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300
° C
Note 1: Currents are positive into, negative out of the specified
terminal.
Note 2: Consult Packaging Section of Databook for thermal limi-
tations and considerations of package.
DIL-14 (TOP VIEW)
N Package
PLCC-20 (Top View)
Q Package
CONNECTION DIAGRAMS
SOIC-16, SSOP-16 (TOP VIEW)
DW, M Package


Similar Part No. - UC3872DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3872 TI-UC3872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results

Similar Description - UC3872DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com