Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27524 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27524
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27524 Datasheet(HTML) 6 Page - Texas Instruments

Back Button UCC27524 Datasheet HTML 2Page - Texas Instruments UCC27524 Datasheet HTML 3Page - Texas Instruments UCC27524 Datasheet HTML 4Page - Texas Instruments UCC27524 Datasheet HTML 5Page - Texas Instruments UCC27524 Datasheet HTML 6Page - Texas Instruments UCC27524 Datasheet HTML 7Page - Texas Instruments UCC27524 Datasheet HTML 8Page - Texas Instruments UCC27524 Datasheet HTML 9Page - Texas Instruments UCC27524 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 41 page
background image
10%
90%
Enable
Output
Low
High
Low
High
Input
tD1
tD2
UDG-11219
10%
90%
Enable
Output
Low
High
Low
High
Input
tD1
tD2
UDG-11220
10%
90%
Enable
Output
Low
High
Low
High
Input
tD3
tD4
UDG-11217
10%
90%
Enable
Output
Low
High
Low
High
Input
tD3
tD4
UDG-11218
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
VDD = 12 V, TA = TJ = -40°C to 140°C, 1-µF capacitor from VDD to GND. Currents are positive into, negative out of the
specified terminal (unless otherwise noted,)
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
tR
Rise time (3)
CLOAD = 1.8 nF
7
18
tF
Fall time(3)
CLOAD = 1.8 nF
6
10
Delay matching between 2
INA = INB, OUTA and OUTB at 50% transition
tM
1
4
channels
point
Minimum input pulse width
ns
tPW
15
25
that changes the output state
Input to output propagation
tD1, tD2
CLOAD = 1.8 nF, 5-V input pulse
6
13
23
delay (3)
EN to output propagation
tD3, tD4
CLOAD = 1.8 nF, 5-V enable pulse
6
13
23
delay (3)
(3)
See timing diagrams in Figure 1, Figure 2, Figure 3 and Figure 4
Timing Diagrams
Figure 1. Enable Function
Figure 2. Enable Function
(For Non-Inverting Input Driver Operation)
(For Inverting Input Driver Operation)
Figure 3. Non-Inverting Input Driver Operation
Figure 4. Inverting Input Driver Operation
6
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27524 TI1-UCC27524 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27524 TI1-UCC27524 Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27524A TI-UCC27524A Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A TI1-UCC27524A Datasheet
1Mb / 36P
[Old version datasheet]   UCC27524A Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
More results

Similar Description - UCC27524

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com