Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3872MTR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # UC3872MTR
Description  Resonant Lamp Ballast Controller
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3872MTR Datasheet(HTML) 6 Page - Texas Instruments

Back Button UC3872MTR Datasheet HTML 2Page - Texas Instruments UC3872MTR Datasheet HTML 3Page - Texas Instruments UC3872MTR Datasheet HTML 4Page - Texas Instruments UC3872MTR Datasheet HTML 5Page - Texas Instruments UC3872MTR Datasheet HTML 6Page - Texas Instruments UC3872MTR Datasheet HTML 7Page - Texas Instruments UC3872MTR Datasheet HTML 8Page - Texas Instruments UC3872MTR Datasheet HTML 9Page - Texas Instruments UC3872MTR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
UC1872
UC2872
UC3872
APPLICATIONS INFORMATION
7
8
+
+
200
µA
+
+
CT
0.1V
3.0V
MAX FREQ
COMPARATOR
0.5V
ZD
1.0V
ZERO DETECT
CLK
S
Q
R
4mA
DISCHARGE
COMPARATOR
MIN FREQ
COMPARATOR
Figure 2. UC3872 oscillator section.
Figure 3. UC3872 open lamp detect circuitry.
UNITRODE CORPORATION
7 CONTINENTAL BLVD. • MERRIMACK, NH 03054
TEL. (603) 424-2410 FAX (603) 424-3460
UDG-99005


Similar Part No. - UC3872MTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3872 TI-UC3872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
More results

Similar Description - UC3872MTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1872 TI-UC1872 Datasheet
190Kb / 7P
[Old version datasheet]   Resonant Lamp Ballast Controller
UC2872DW TI-UC2872DW Datasheet
387Kb / 11P
[Old version datasheet]   Resonant Lamp Ballast Controller
logo
Fairchild Semiconductor
FAN7544 FAIRCHILD-FAN7544 Datasheet
1Mb / 14P
   Simple Ballast Controller
KA7541 FAIRCHILD-KA7541 Datasheet
95Kb / 14P
   Simple Ballast Controller
logo
Micro Linear Corporatio...
ML4831 MICRO-LINEAR-ML4831 Datasheet
325Kb / 14P
   Electronic Ballast Controller
logo
AUK corp
S6510P AUK-S6510P Datasheet
340Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Micro Linear Corporatio...
ML4830 MICRO-LINEAR-ML4830 Datasheet
218Kb / 15P
   Electronic Ballast Controller
logo
AUK corp
S6510 AUK-S6510 Datasheet
316Kb / 6P
   SIMPLE BALLAST CONTROLLER
logo
Champion Microelectroni...
CM6900G CHAMP-CM6900G Datasheet
226Kb / 12P
   Resonant Controller
logo
Princeton Technology Co...
PT5631 PTC-PT5631_10 Datasheet
391Kb / 4P
   Dimming Ballast Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com