Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27201ADRCT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27201ADRCT
Description  120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27201ADRCT Datasheet(HTML) 5 Page - Texas Instruments

  UCC27201ADRCT Datasheet HTML 1Page - Texas Instruments UCC27201ADRCT Datasheet HTML 2Page - Texas Instruments UCC27201ADRCT Datasheet HTML 3Page - Texas Instruments UCC27201ADRCT Datasheet HTML 4Page - Texas Instruments UCC27201ADRCT Datasheet HTML 5Page - Texas Instruments UCC27201ADRCT Datasheet HTML 6Page - Texas Instruments UCC27201ADRCT Datasheet HTML 7Page - Texas Instruments UCC27201ADRCT Datasheet HTML 8Page - Texas Instruments UCC27201ADRCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
UCC27200A, UCC27201A
www.ti.com
SLUSAF9A
– FEBRUARY 2011 – REVISED DECEMBER 2011
ELECTRICAL CHARACTERISTICS
over operating free-air temperature range, VDD = VHB = 12 V, VHS = VSS = 0 V, No load on LO or HO, TA = TJ = -40°C to
+140
°C, (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Currents
IDD
VDD quiescent current
VLI = VHI = 0
0.4
0.8
UCC27200A
f = 500 kHz, CLOAD = 0
2.5
4
IDDO
VDD operating current
UCC27201A
f = 500 kHz, CLOAD = 0
3.8
5.5
mA
IHB
Boot voltage quiescent current
VLI = VHI = 0 V
0.4
0.8
IHBO
Boot voltage operating current
f = 500 kHz, CLOAD = 0
2.5
4
IHBS
HB to VSS quiescent current
VHS = VHB = 110 V
0.0005
1
uA
IHBSO
HB to VSS operating current
f = 500 kHz, CLOAD = 0
0.1
mA
Input
VHIT
Input rising threshold
5.8
8
VLIT
Input falling threshold
UCC27200A
3
5.4
VIHYS
Input voltage hysteresis
0.4
V
VHIT
Input voltage threshold
1.7
2.5
VLIT
Input voltage threshold
UCC27201A
0.8
1.6
VIHYS
Input voltage Hysteresis
100
mV
RIN
Input pulldown resistance
100
200
350
k
Undervoltage Protection (UVLO)
VDD rising threshold
6.2
7.1
7.8
VDD threshold hysteresis
0.5
V
VHB rising threshold
5.8
6.7
7.2
VHB threshold hysteresis
0.4
Bootstrap Diode
VF
Low-current forward voltage
I VDD - HB = 100 μA
0.65
0.85
V
VFI
High-current forward voltage
I VDD - HB = 100 mA
0.85
1.1
I VDD - HB = 100 mA and 80
RD
Dynamic resistance,
ΔVF/ΔI
0.6
1.0
mA
LO Gate Driver
VLOL
Low level output voltage
ILO = 100 mA
0.18
0.4
ILO = -100 mA, VLOH = VDD -
TJ = -40 to 125°C
0.25
0.4
VLO
V
VLOH
High level output voltage
ILO = -100 mA, VLOH = VDD -
TJ = -40 to 140°C
0.25
0.42
VLO
Peak pull-up current
VLO = 0 V
3
A
Peak pull-down current
VLO = 12 V
3
HO Gate Driver
VHOL
Low level output voltage
IHO = 100 mA
0.18
0.4
IHO = -100 mA, VHOH = VHB-
TJ = -40 to 125°C
0.25
0.4
VHO
V
VHOH
High level output voltage
IHO = -100 mA, VHOH = VHB-
TJ = -40 to 140°C
0.25
0.42
VHO
Peak pull-up current
VHO = 0 V
3
A
Peak pull-down current
VHO = 12 V
3
Propagation Delays
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): UCC27200A UCC27201A


Similar Part No. - UCC27201ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201ADRCT TI1-UCC27201ADRCT Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201ADRCT TI1-UCC27201ADRCT Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results

Similar Description - UCC27201ADRCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A Datasheet
1Mb / 36P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
DECEMBER2011
UCC27201DG4 TI-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200 Datasheet
922Kb / 28P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI-UCC27200_07 Datasheet
927Kb / 31P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200 TI1-UCC27200_15 Datasheet
1Mb / 37P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1 Datasheet
701Kb / 29P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200 TI1-UCC27200_12 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com