Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27516DRST Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27516DRST
Description  Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27516DRST Datasheet(HTML) 2 Page - Texas Instruments

  UCC27516DRST Datasheet HTML 1Page - Texas Instruments UCC27516DRST Datasheet HTML 2Page - Texas Instruments UCC27516DRST Datasheet HTML 3Page - Texas Instruments UCC27516DRST Datasheet HTML 4Page - Texas Instruments UCC27516DRST Datasheet HTML 5Page - Texas Instruments UCC27516DRST Datasheet HTML 6Page - Texas Instruments UCC27516DRST Datasheet HTML 7Page - Texas Instruments UCC27516DRST Datasheet HTML 8Page - Texas Instruments UCC27516DRST Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
1
2
3
5
4
VDD
GND
IN+
OUT
IN-
UCC27517
Q1
IN+
4.5 V to 18 V
Non-Inverting Input
1
2
3
5
4
VDD
GND
IN+
OUT
IN-
UCC27517
Inverting Input
V+
C1
R1
VIN-
Q1
R1
4.5 V to 18 V
V+
C1
UCC27517
UCC27516
SLUSAY4C – MARCH 2012 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATION DIAGRAMS
DESCRIPTION (CONTINUED)
UCC27516 and UCC27517 features a dual input design which offers flexibility of implementing both inverting (IN-
pin) and non-inverting (IN+ pin) configurations with the same device. Either the IN+ or IN- pin can be used to
control the state of the driver output. The unused input pin can be used for enable and disable function. For
safety purpose, internal pullup and pulldown resistors on the input pins ensure that outputs are held low when
input pins are in floating condition. Hence the unused input pin is not left floating and must be properly biased to
ensure that driver output is in enabled for normal operation.
The input pin threshold of the UCC27516 and UCC27517 devices are based on TTL and CMOS compatible low-
voltage logic which is fixed and independent of the VDD supply voltage. Wide hysteresis between the high and
low thresholds offers excellent noise immunity.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)(2)
OPERATING
PEAK CURRENT
INPUT THRESHOLD
PART NUMBER
PACKAGE
TEMPERATURE RANGE,
(SOURCE/SINK)
LOGIC
TA
CMOS/TTL-Compatible
4-A/4-A
UCC27516DRS
WSON 6 pin
(low voltage, independent
-40°C to 140°C
(Symmetrical Drive)
of VDD bias voltage)
CMOS/TTL-Compatible
4-A/4-A
UCC27517DBV
SOT-23 5 pin
(low voltage, independent
-40°C to 140°C
(Symmetrical Drive)
of VDD bias voltage)
(1)
For the most current package and ordering information, see Package Option Addendum at the end of this document.
(2)
All packages use Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to be
compatible with either lead free or Sn/Pb soldering operations. DRS package is rated MSL level 2.
Table 1. UCC2751x Product Family Summary
PART NUMBER
PACKAGE
PEAK CURRENT
INPUT THRESHOLD LOGIC
(SOURCE/SINK)
UCC27511DBV(1)
SOT-23, 6 pin
4-A/8-A
CMOS/TTL-Compatible
(Asymmetrical Drive)
(low voltage, independent of VDD
UCC27512DRS (1)
3 mm x 3 mm WSON, 6 pin
bias voltage)
UCC27516DRS
3 mm x 3 mm WSON, 6 pin
4-A/4-A
(Symmetrical Drive)
UCC27517DBV
SOT-23, 5 pin
UCC27518DBV (1)
SOT-23, 5 pin
CMOS
(follows VDD bias voltage)
UCC27519DBV (1)
SOT-23, 5 pin
(1)
Visit www.ti.com for the latest product datasheet.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: UCC27517 UCC27516


Similar Part No. - UCC27516DRST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516DRST TI1-UCC27516DRST Datasheet
993Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver
UCC27516DRST TI1-UCC27516DRST Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
More results

Similar Description - UCC27516DRST

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27516 TI1-UCC27516 Datasheet
983Kb / 29P
[Old version datasheet]   Single Channel High-Speed, Low-Side Gate Driver (with 4-A Peak Source and 4-A Peak Sink)
UCC27511 TI1-UCC27511_13 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and 8-A Peak Sink)
UCC27511A TI1-UCC27511A Datasheet
817Kb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27512-EP TI-UCC27512-EP_15 Datasheet
1Mb / 29P
[Old version datasheet]   SINGLE CHANNEL HIGH-SPEED, LOW-SIDE GATE DRIVER (WITH 4-A PEAK SOURCE AND 8-A PEAK SINK)
UCC27511A-Q1 TI-UCC27511A-Q1_15 Datasheet
1Mb / 31P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver With 4-A Peak Source and 8-A Peak Sink
UCC27511 TI1-UCC27511_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2751x Single-Channel, High-Speed, Low-Side Gate Driver (With 4-A Peak Source and 8-A Peak Sink)
UCC27517A-Q1 TI1-UCC27517A-Q1 Datasheet
936Kb / 26P
[Old version datasheet]   Single-Channel High-Speed Low-Side Gate Driver (with 4-A Peak Source and Sink)
UCC27517A TI-UCC27517A_15 Datasheet
1Mb / 31P
[Old version datasheet]   UCC27517A Single-Channel High-Speed Low-Side Gate Driver with Negative Input Voltage Capability (with 4-A Peak Source and Sink)
UCC27714 TI-UCC27714_15 Datasheet
2Mb / 43P
[Old version datasheet]   High-Speed, 600-V High-Side Low-Side Gate Driver with 4-A Peak Output
LM5114 TI1-LM5114_15 Datasheet
2Mb / 26P
[Old version datasheet]   Single 7.6-A Peak Current Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com