Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27211DRMR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27211DRMR
Description  120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27211DRMR Datasheet(HTML) 2 Page - Texas Instruments

  UCC27211DRMR Datasheet HTML 1Page - Texas Instruments UCC27211DRMR Datasheet HTML 2Page - Texas Instruments UCC27211DRMR Datasheet HTML 3Page - Texas Instruments UCC27211DRMR Datasheet HTML 4Page - Texas Instruments UCC27211DRMR Datasheet HTML 5Page - Texas Instruments UCC27211DRMR Datasheet HTML 6Page - Texas Instruments UCC27211DRMR Datasheet HTML 7Page - Texas Instruments UCC27211DRMR Datasheet HTML 8Page - Texas Instruments UCC27211DRMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
PWM
CONTROLLER
+12V
ISOLATION
AND
FEEDBACK
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27210
VSS
LI
HB
HO
HS
LO
PWM
CONTROLLER
+12V
+100V
SECONDARY
SIDE
CIRCUIT
HI
DRIVE
LO
DRIVE
HI
V
DD
UCC27211
VSS
LI
HB
HO
HS
LO
+12V
HI
DRIVE
LO
DRIVE
HI
VDD
UCC27211
LI
HB
HO
HS
LO
+100V
UCC27210
UCC27211
SLUSAT7C – NOVEMBER 2011 – REVISED MARCH 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION (CONT.)
The UCC27210/1’s switching node (HS pin) is able to handle -18 V maximum which allows the high-side channel
to be protected from inherent negative voltages caused parasitic inductance and stray capacitance. The
UCC27210 (Pseudo-CMOS inputs) and UCC27211 (TTL inputs) have increased hysteresis allowing for interface
to analog or digital PWM controllers with enhanced noise immunity.
The low-side and high-side gate drivers are independently controlled and matched to 2 ns between the turn on
and turn off of each other.
An on-chip 120-V rated bootstrap diode eliminates the external discrete diodes. Under-voltage lockout is
provided for both the high-side and the low-side drivers providing symmetric turn-on/turn-off behavior and forcing
the outputs low if the drive voltage is below the specified threshold.
Both devices are offered in 8-pin SOIC (D), PowerPAD™ SOIC-8 (DDA), 4-mm x 4-mm SON-8 (DRM) and SON-
10 (DPR) packages.
Typical Application Diagrams
ORDERING INFORMATION (1)
PACKAGED DEVICES(1)
INPUT
TEMPERATURE RANGE TA = TJ
PowerPAD™
COMPATIBILITY
SOIC-8 (D)(2)
SON-8 (DRM)(3)
SON-10 (DPR)(4)
SOIC-8 (DDA)(2)
Pseudo CMOS
UCC27210D
UCC27210DDA
UCC27210DRM
UCC27210DPR
-40°C to 140°C
TTL
UCC27211D
UCC27211DDA
UCC27211DRM
UCC27211DPR
(1)
These products are packaged in Lead (Pb)-Free and green lead finish of PdNiAu which is compatible with MSL level 1 at 255°C to
260°C peak reflow temperature to be compatible with either lead free or Sn/Pb soldering operations.
(2)
D (SOIC-8) and DDA (Power Pad™ SOIC-8) packages are available taped and reeled. Add R suffix to device type (e.g.
UCC27210ADR/UCC27211ADR) to order quantities of 2,500 devices per reel.
(3)
DRM (SON-8) package comes either in a small reel of 250 pieces as part number UCC27210ADRMT/UCC27211ADRMT, or larger reels
of 3000 pieces as part number UCC27210ADRMR/UCC27211ADRMR.
(4)
DPR (SON-10) package comes either in a small reel of 250 pieces as part number UCC27210ADPRT/UCC27211ADPRT, or large reels
of 3000 pieces as part number UCC27210ADPRR/UCC27211ADPRR.
2
Submit Documentation Feedback
Copyright © 2011–2012, Texas Instruments Incorporated
Product Folder Link(s): UCC27210 UCC27211


Similar Part No. - UCC27211DRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27211DRMR TI1-UCC27211DRMR Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
More results

Similar Description - UCC27211DRMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27212 TI1-UCC27212 Datasheet
833Kb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210A TI1-UCC27210A Datasheet
1Mb / 27P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side and Low-Side Driver
UCC27211A-Q1 TI1-UCC27211A-Q1_16 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210 Datasheet
1Mb / 28P
[Old version datasheet]   120-V Boot, 4-A Peak, High Frequency High-Side/Low-Side Driver
FEBRUARY2012
UCC27212A-Q1 TI1-UCC27212A-Q1 Datasheet
857Kb / 29P
[Old version datasheet]   Automotive 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27210 TI1-UCC27210_15 Datasheet
1Mb / 39P
[Old version datasheet]   UCC2721x 120-V Boot, 4-A Peak, High-Frequency High-Side and Low-Side Driver
UCC27200A TI1-UCC27200A_16 Datasheet
1Mb / 42P
[Old version datasheet]   120-V Boot, 3-A Peak, High-Frequency, High-Side and Low-Side Driver
UCC27201DG4 TI1-UCC27201DG4 Datasheet
1Mb / 34P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
UCC27200-Q1 TI1-UCC27200-Q1_15 Datasheet
1Mb / 32P
[Old version datasheet]   120-V BOOT, 3-A PEAK, HIGH-FREQUENCY HIGH-SIDE/LOW-SIDE DRIVER
UCC27200A TI1-UCC27200A_12 Datasheet
1Mb / 39P
[Old version datasheet]   120-V Boot, 3-A Peak, High Frequency, High-Side/Low-Side Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com