Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC27523DGNR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UCC27523DGNR
Description  Dual 5-A High-Speed Low-Side Gate Driver
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC27523DGNR Datasheet(HTML) 2 Page - Texas Instruments

  UCC27523DGNR Datasheet HTML 1Page - Texas Instruments UCC27523DGNR Datasheet HTML 2Page - Texas Instruments UCC27523DGNR Datasheet HTML 3Page - Texas Instruments UCC27523DGNR Datasheet HTML 4Page - Texas Instruments UCC27523DGNR Datasheet HTML 5Page - Texas Instruments UCC27523DGNR Datasheet HTML 6Page - Texas Instruments UCC27523DGNR Datasheet HTML 7Page - Texas Instruments UCC27523DGNR Datasheet HTML 8Page - Texas Instruments UCC27523DGNR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
UCC27523, UCC27524, UCC27525, UCC27526
SLUSAQ3F – NOVEMBER 2011 – REVISED MAY 2013
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
DESCRIPTION (CONTINUED)
The UCC2752x family provide the combination of three standard logic options — dual-inverting, dual-non
inverting, one inverting and one non-inverting driver. UCC27526 features a dual input design which offers
flexibility of both inverting (IN- pin) and non-inverting (IN+ pin) configuration for each channel. Either IN+ or IN-
pin controls the state of the driver output. The unused input pin is used for enable and disable functions. For
safety purpose, internal pullup and pulldown resistors on the input pins of all the devices in UCC2752x family
ensure that outputs are held LOW when input pins are in floating condition. UCC27323, UCC27324 and
UCC27325 feature Enable pins (ENA and ENB) to have better control of the operation of the driver applications.
The pins are internally pulled up to VDD for active-high logic and are left open for standard operation.
UCC2752x family of devices are available in SOIC-8 (D), MSOP-8 with exposed pad (DGN) and 3-mm × 3-mm
WSON-8 with exposed pad (DSD) packages. UCC27524 is also offered in PDIP-8 (P) package. UCC27526 is
only offered in 3-mm × 3-mm WSON (DSD) package.
ORDERING INFORMATION(1)(2)
PART NUMBER
PACKAGE
OPERATING TEMPERATURE RANGE, TA
SOIC 8-Pin (D), MSOP 8-pin (DGN),
UCC27523
WSON 8-pin (DSD)
SOIC 8-Pin (D), MSOP 8-pin (DGN),
UCC27524
WSON 8-pin (DSD), PDIP 8-pin (P)
-40°C to 140°C
SOIC 8-Pin (D), MSOP 8-pin (DGN),
UCC27525
WSON 8-pin (DSD)
UCC27526
WSON 8-pin (DSD)
(1)
For the most current package and ordering information, see Package Option Addendum at the end of this document.
(2)
All packages use Pb-Free lead finish of Pd-Ni-Au which is compatible with MSL level 1 at 255°C to 260°C peak reflow temperature to be
compatible with either lead free or Sn/Pb soldering operations. DSD package is rated MSL level 2.
TOPSIDE MARKING INFORMATION
PART NUMBER WITH PACKAGE DESIGNATOR
TOP MARKINGS
UCC27524D
27524
UCC27524DGN
27524
UCC27524DSD
SBA
UCC27524P
27524
UCC27523D
27523
UCC27523DGN
27523
UCC27523DSD
27523
UCC27525D
27525
UCC27525DGN
27525
UCC27525DSD
27525
UCC27526DSD
SCB
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: UCC27523, UCC27524, UCC27525, UCC27526


Similar Part No. - UCC27523DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523DGNR TI1-UCC27523DGNR Datasheet
2Mb / 43P
[Old version datasheet]   Industry-Standard Pinout
UCC27523DGNR TI1-UCC27523DGNR Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
More results

Similar Description - UCC27523DGNR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC27523 TI1-UCC27523 Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A High-Speed Low-Side Gate Driver
JUNE2012
UCC27624 TI-UCC27624 Datasheet
2Mb / 31P
[Old version datasheet]   UCC27624 Dual Channel 30-V, 5-A High-Speed Low-Side Gate Driver
AUGUST 2021
UCC27524A-Q1 TI1-UCC27524A-Q1_15 Datasheet
1Mb / 35P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524A-Q1 TI1-UCC27524A-Q1 Datasheet
1Mb / 28P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
UCC27524ADGN TI-UCC27524ADGN Datasheet
1Mb / 31P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver with Negative Input Voltage Capability
UCC27524A1-Q1 TI1-UCC27524A1-Q1 Datasheet
1Mb / 33P
[Old version datasheet]   Dual 5-A, High-Speed, Low-Side Gate Driver With Negative Input Voltage Capability
logo
ON Semiconductor
NCP51100 ONSEMI-NCP51100 Datasheet
2Mb / 16P
   Single 2 A High-Speed, Low-Side Gate Driver
June, 2021 ??Rev. P0
logo
Rohm
BD2310G ROHM-BD2310G Datasheet
1Mb / 18P
   1ch 4 A High Speed Low-side Gate Driver
26.Mar.2020 Rev.001
logo
ON Semiconductor
FAN3121 ONSEMI-FAN3121 Datasheet
3Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
October-2017, Rev. 2
logo
Fairchild Semiconductor
FAN3121 FAIRCHILD-FAN3121_13 Datasheet
1Mb / 21P
   Single 9-A High-Speed, Low-Side Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com