Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC3901QG3 Datasheet(PDF) 4 Page - Texas Instruments

Part # UC3901QG3
Description  Isolated Feedback Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC3901QG3 Datasheet(HTML) 4 Page - Texas Instruments

  UC3901QG3 Datasheet HTML 1Page - Texas Instruments UC3901QG3 Datasheet HTML 2Page - Texas Instruments UC3901QG3 Datasheet HTML 3Page - Texas Instruments UC3901QG3 Datasheet HTML 4Page - Texas Instruments UC3901QG3 Datasheet HTML 5Page - Texas Instruments UC3901QG3 Datasheet HTML 6Page - Texas Instruments UC3901QG3 Datasheet HTML 7Page - Texas Instruments UC3901QG3 Datasheet HTML 8Page - Texas Instruments UC3901QG3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
UC1901
UC2901
UC3901
Figure 1. Transformer Coupled Open Loop Transfer Function
µ
µ
Note:
Transformer Data: N1 = N2 = 20TAWG 26
Core = Ferroxcube 3E2A Ferrite, 0.5" O.D. toroid
Carrier Frequency = 1MHz
Figure 2. Oscillator Frequency
Figure 3. Typical Driver Output Swing vs
Temperature
The error amplifier compensation terminal, Pin 12, is in-
tended as a source of feedback to the amplifier's invert-
ing input at Pin 11. For most applications, a series DC
blocking capacitor should be part of the feedback net-
work. The amplifier is internally compensated for unity
feedback.
The waveform at the driver outputs is a squarewave with
an amplitude that is proportional to the error amplifier in-
put signal. There is a fixed 12dB of gain from the error
amplifier compensation pin to the modulator driver out-
puts. The frequency of the output waveform is controlled
by either the internal oscillator or an external clock signal.
With the internal oscillator the squarewave will have a
fixed 50% duty cycle. If the internal oscillator is disabled
by connecting Pin 1, CR,toVIN then the frequency and
duty cycle of the output will be determined by the input
clock waveform at Pin 2. If the oscillator remains disabled
and there is not clock input at Pin 2, there will be a linear
12dB of signal gain to one or the other of the driver out-
puts depending on the DC state of Pin 2.
The driver outputs are emitter followers which will source
a minimum of 15mA of current. The sink current, inter-
nally limited at 700
µA, can be increased by adding resis-
tors to ground at the driver outputs.
APPLICATION INFORMATION


Similar Part No. - UC3901QG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3901Q TI-UC3901Q Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
More results

Similar Description - UC3901QG3

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com