Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UC1901 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UC1901
Description  Isolated Feedback Generator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UC1901 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UC1901 Datasheet HTML 4Page - Texas Instruments UC1901 Datasheet HTML 5Page - Texas Instruments UC1901 Datasheet HTML 6Page - Texas Instruments UC1901 Datasheet HTML 7Page - Texas Instruments UC1901 Datasheet HTML 8Page - Texas Instruments UC1901 Datasheet HTML 9Page - Texas Instruments UC1901 Datasheet HTML 10Page - Texas Instruments UC1901 Datasheet HTML 11Page - Texas Instruments UC1901 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
UC2901DTR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
UC3901DTR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
UC3901DWTR
SOIC
DW
16
2000
330.0
16.4
10.85
10.8
2.7
12.0
16.0
Q1
UC3901QTR
PLCC
FN
20
1000
330.0
16.4
10.3
10.3
4.9
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
13-Jan-2010
Pack Materials-Page 1


Similar Part No. - UC1901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC1901J TI-UC1901J Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC1901L TI-UC1901L Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
More results

Similar Description - UC1901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1901 TI-UC1901 Datasheet
397Kb / 7P
[Old version datasheet]   Isolated Feedback Generator
UC2901-EP TI-UC2901-EP_15 Datasheet
266Kb / 10P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
UC2901-EP TI1-UC2901-EP Datasheet
249Kb / 9P
[Old version datasheet]   ISOLATED FEEDBACK GENERATOR
logo
Analog Devices
ADUM3070 AD-ADUM3070_V01 Datasheet
763Kb / 20P
   Isolated Switching Regulator With Integrated Feedback
Rev. A
ADUM4070 AD-ADUM4070 Datasheet
561Kb / 20P
   Isolated Switching Regulator with Integrated Feedback
Rev. 0
logo
Maxim Integrated Produc...
MAX5058 MAXIM-MAX5058 Datasheet
460Kb / 25P
   Parallelable Secondary-Side Synchronous Rectifier Driver and Feedback-Generator Controller ICs
Rev 0; 10/03
logo
Linear Technology
LT1228 LINER-LT1228_12 Datasheet
666Kb / 22P
   100MHz Current Feedback
logo
Analog Devices
AD8001 AD-AD8001_17 Datasheet
329Kb / 17P
   Current Feedback Amplifier
AD8004 AD-AD8004_17 Datasheet
449Kb / 17P
   Current Feedback Amplifier
logo
Texas Instruments
TPS5904 TI-TPS5904 Datasheet
118Kb / 10P
[Old version datasheet]   OPTOISOLATED FEEDBACK AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com