Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28089D Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28089D
Description  PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28089D Datasheet(HTML) 11 Page - Texas Instruments

Back Button UCC28089D Datasheet HTML 7Page - Texas Instruments UCC28089D Datasheet HTML 8Page - Texas Instruments UCC28089D Datasheet HTML 9Page - Texas Instruments UCC28089D Datasheet HTML 10Page - Texas Instruments UCC28089D Datasheet HTML 11Page - Texas Instruments UCC28089D Datasheet HTML 12Page - Texas Instruments UCC28089D Datasheet HTML 13Page - Texas Instruments UCC28089D Datasheet HTML 14Page - Texas Instruments UCC28089D Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
UCC28089
SLUS623A -- SEPTEMBER 2004 -- REVISED AUGUST 2006
11
www.ti.com
APPLICATION INFORMATION
Using the UCC28089 as a Modified Square Wave Inverter
Remote or dc-only power systems often require a limited amount of 60-Hz ac line power to supply small
appliances. Compatible loads include universal motors, incandescent lamps, and other electronic devices with
switched mode power supplies to convert the 110-VAC to lower dc voltages. Many of these devices do not require
a perfect sinusoidal line voltage, and acceptable performance can be obtained with a modified square wave
voltage. Using the circuit in Figure 5, the UCC28089 can provide the appropriate waveform along with primary
side over-current protection. Components RA, RB, and CT are selected to program the desired modified square
waveform with the appropriate dead time.
UDG-04105
CT
0.1 μF
RB
27 kΩ
RA
221 kΩ
NC
200 Ω
47 μF
12 V Bias
VIN = 145 VDC
F1
RS
4.7 μF
MPSA42
MPSA42
4.7 μF
--145 V
145 V
0V
VO
110 VAC(rms)
16.7 ms
NOTE: CS signal should be selected to limit peak inrush current to acceptable levels.
1N4003
2
1
4
3
7
8
5
6
UCC28089
SYNC
DIS
CT
CS
VDD
OUTA
OUTB
GND
+
--
6800 pF
6800 pF
50 Ω
200 Ω
200 Ω
50 Ω
200 Ω
20 Ω
Figure 5. Modified Square Wave Inverter
The high-side gate drives of the inverter in Figure 5 are suitable for low frequency applications with relatively
constant duty ratio. The NPN transistors and the charge pump diodes on the high-side gate drives must be rated
for high voltage (at least 145 V + VDD). The gates are protected from excessive negative voltage by the diodes
shown from gate to source.


Similar Part No. - UCC28089D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089D TI-UCC28089D Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
UCC28089DRB TI-UCC28089DRB Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
More results

Similar Description - UCC28089D

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28089 TI-UCC28089 Datasheet
336Kb / 19P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
UCC28089 TI-UCC28089_15 Datasheet
700Kb / 23P
[Old version datasheet]   PRIMARY-SIDE PUSH-PULL OSCILLATOR WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745 INTERSIL-ISL6745 Datasheet
226Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Renesas Technology Corp
ISL6745 RENESAS-ISL6745 Datasheet
418Kb / 8P
   Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2836 TI1-TPS2836_15 Datasheet
734Kb / 17P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVER WITH DEAD-TIME CONTROL
logo
Intersil Corporation
ISL6745AAUZ INTERSIL-ISL6745AAUZ Datasheet
194Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
September 11, 2008
ISL6745A INTERSIL-ISL6745A Datasheet
197Kb / 9P
   Improved Bridge Controller with Precision Dead Time Control
logo
Texas Instruments
TPS2834PWPR TI1-TPS2834PWPR Datasheet
1,006Kb / 23P
[Old version datasheet]   SYNCHRONOUS-BUCK MOSFET DRIVERS WITH DEAD-TIME CONTROL
logo
Monolithic Power System...
HR1001A MPS-HR1001A Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
HR1001B MPS-HR1001B Datasheet
1Mb / 25P
   Enhanced LLC Controller with Adaptive Dead-Time Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com