Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DAC8420ES-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # DAC8420ES-REEL
Description  Quad 12-Bit Serial Voltage Output DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8420ES-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button DAC8420ES-REEL Datasheet HTML 6Page - Analog Devices DAC8420ES-REEL Datasheet HTML 7Page - Analog Devices DAC8420ES-REEL Datasheet HTML 8Page - Analog Devices DAC8420ES-REEL Datasheet HTML 9Page - Analog Devices DAC8420ES-REEL Datasheet HTML 10Page - Analog Devices DAC8420ES-REEL Datasheet HTML 11Page - Analog Devices DAC8420ES-REEL Datasheet HTML 12Page - Analog Devices DAC8420ES-REEL Datasheet HTML 13Page - Analog Devices DAC8420ES-REEL Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
DAC8420
Rev. B | Page 10 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
0.3
–0.3
14
0
–0.2
–4
–0.1
–6
0.2
0.1
12
10
8
6
4
2
0
–2
TA = +25°C
VDD = +15V
VSS = –15V
VVREFLO = –10V
VVREFHI (V)
Figure 6. DNL vs. VVREFHI (±15 V)
0.10
–0.30
–0.20
–0.25
1.5
–0.10
–0.15
–0.05
0
0.05
3.5
3.0
2.5
2.0
VVREFHI (V)
TA = +25°C
VDD = +5V
VSS = 0V
VVREFLO = 0V
Figure 7. DNL vs. VVREFHI (+5 V)
0.3
–0.3
14
0
–0.2
–4
–0.1
–6
0.2
0.1
12
10
8
6
4
2
0
–2
TA = +25°C
VDD = +15V
VSS = –15V
VVREFLO = –10V
VVREFHI (V)
Figure 8. INL vs. VREFHI (±15 V)
0.4
–0.4
–0.2
–0.3
1.5
0
–0.1
0.1
0.2
0.3
3.5
3.0
2.5
2.0
VVREFHI (V)
TA = +25°C
VDD = +5V
VSS = 0V
VVREFLO = 0V
Figure 9. INL vs. VVREFHI (+5 V)
0.5
0.7
0.3
0.1
–0.1
–0.3
–0.5
t = HOURS OF OPERATION AT 125°C
CURVES NOT NORMALIZED
0
200
400
600
800
1000
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
x
x + 3σ
x – 3σ
Figure 10. Full-Scale Error vs. Time Accelerated by Burn-In
1.0
1.2
0.8
0.6
0.4
0.2
0
t = HOURS OF OPERATION AT 125°C
CURVES NOT NORMALIZED
0
200
400
600
800
1000
VDD = +15V
VSS = –15V
VVREFHI = +10V
VVREFLO = –10V
x
x + 3σ
x – 3σ
Figure 11. Zero-Scale Error vs. Time Accelerated by Burn-In


Similar Part No. - DAC8420ES-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420ES AD-DAC8420ES Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420ES AD-DAC8420ES Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420ESZ AD-DAC8420ESZ Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
DAC8420ESZ-REEL AD-DAC8420ESZ-REEL Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
More results

Similar Description - DAC8420ES-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8420 AD-DAC8420 Datasheet
587Kb / 16P
   Quad 12-Bit Serial Voltage Output DAC
REV. 0
DAC8420 AD-DAC8420_16 Datasheet
511Kb / 23P
   Quad 12-Bit Serial Voltage Output DAC
logo
Wolfson Microelectronic...
WM2614 WOLFSON-WM2614 Datasheet
155Kb / 10P
   Quad 12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253 Datasheet
135Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
Rev 0; 9/96
logo
Analog Devices
AD5726 AD-AD5726 Datasheet
523Kb / 20P
   Quad 12-Bit Serial Input Unipolar/Bipolar Voltage Output DAC
REV. 0
logo
Maxim Integrated Produc...
MAX5253 MAXIM-MAX5253_V01 Datasheet
695Kb / 16P
   3V, Quad, 12-Bit Voltage-Output DAC with Serial Interface
2002
logo
Wolfson Microelectronic...
WM2616 WOLFSON-WM2616 Datasheet
132Kb / 9P
   12-bit Serial Input Voltage Output DAC
logo
Maxim Integrated Produc...
MAX5312 MAXIM-MAX5312 Datasheet
1Mb / 19P
   -10V, 12-Bit, Serial, Voltage-Output DAC
Rev 0; 12/03
MAX5742 MAXIM-MAX5742 Datasheet
676Kb / 15P
   12-Bit, Low-Power, Quad, Voltage-Output DAC with Serial Interface
Rev 2; 7/03
MAX5842 MAXIM-MAX5842 Datasheet
462Kb / 15P
   Quad, 12-Bit, Low-Power, 2-Wire, Serial Voltage-Output DAC
Rev 0; 1/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com