Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3810 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UCC3810
Description  DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UCC3810 Datasheet HTML 4Page - Texas Instruments UCC3810 Datasheet HTML 5Page - Texas Instruments UCC3810 Datasheet HTML 6Page - Texas Instruments UCC3810 Datasheet HTML 7Page - Texas Instruments UCC3810 Datasheet HTML 8Page - Texas Instruments UCC3810 Datasheet HTML 9Page - Texas Instruments UCC3810 Datasheet HTML 10Page - Texas Instruments UCC3810 Datasheet HTML 11Page - Texas Instruments UCC3810 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
10
8
6
4
2
10 k
100 k
1 M
Switching
Outputs Off
f − Frequency − Hz
50
48
46
44
42
40
10 k
100 k
1 M
CT = 120 pF
f − Frequency − Hz
DC
Input
OPTO1
OPTO2
TTL MONITOR
SYNC
HV SUP
ENABLE
5
4
12
13
1
14
3
2
8
9
15
11
10
6
7
16
VCC
COMP1
FB1
COMP2
FB2
SYNC
ENABLE2
RT
CT GND
PWR
GND
OUT1
CS1
OUT2
CS2
REF
0.1 mF
UCC3810
0.1
5
4
6
7
8
1
3
2
0.1
UC39432
COMP
REF
E/A+
SENSE
VCC
COLL
ISET
GND
0.1
5
4
6
7
8
1
3
2
UC39432
COMP
REF
E/A+
SENSE
VCC
COLL
ISET
GND
0.1
VDG−94022
OPTO2
High Voltage Out
(Monitor Raster)
0.1
OPTO1
+12 V OUT
+5 V OUT
UCC2810
UCC3810
SLUS162D – FEBRUARY 1999 – REVISED FEBRUARY 2007
TYPICAL CHARACTERISTICS (continued)
INPUT CURRENT
MAXIMUM DUTY CYCLE
vs
vs
OSCILLATOR FREQUENCY
FREQUENCY
Figure 8.
Figure 9.
Figure 10. Typical Application
9
Submit Documentation Feedback


Similar Part No. - UCC3810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3810 TI-UCC3810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
UCC3810-DIE TI-UCC3810-DIE Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810DW TI-UCC3810DW Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC3810DWTR TI-UCC3810DWTR Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
More results

Similar Description - UCC3810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2810 TI-UCC2810 Datasheet
518Kb / 14P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
UCC1810 TI-UCC1810 Datasheet
469Kb / 8P
[Old version datasheet]   Dual Channel Synchronized Current Mode PWM
UCC3810-DIE TI-UCC3810-DIE_15 Datasheet
124Kb / 5P
[Old version datasheet]   DUAL CHANNEL SYNCHRONIZED CURRENT-MODE PWM
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
MC44605 ONSEMI-MC44605 Datasheet
328Kb / 20P
   High Safety, Latched Mode, GreenLine PWM Controller for (Multi)Synchronized Applications
May, 2000 ??Rev. 2
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Texas Instruments
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_13 Datasheet
1Mb / 32P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com