Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC2806NG4 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC2806NG4
Description  LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC2806NG4 Datasheet(HTML) 1 Page - Texas Instruments

  UCC2806NG4 Datasheet HTML 1Page - Texas Instruments UCC2806NG4 Datasheet HTML 2Page - Texas Instruments UCC2806NG4 Datasheet HTML 3Page - Texas Instruments UCC2806NG4 Datasheet HTML 4Page - Texas Instruments UCC2806NG4 Datasheet HTML 5Page - Texas Instruments UCC2806NG4 Datasheet HTML 6Page - Texas Instruments UCC2806NG4 Datasheet HTML 7Page - Texas Instruments UCC2806NG4 Datasheet HTML 8Page - Texas Instruments UCC2806NG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
UCC1806
UCC2806
UCC3806
SLUS272F -- FEBRUARY 2000 -- REVISED AUGUST 2006
LOW- POWER, DUAL-OUTPUT,
CURRENT-MODE PWM CONTROLLER
1
www.ti.com
FEATURES
D
BiCMOS Version of UC3846 Family
D
1.4-mA Maximum Operating Current
D
100-μA Maximum Startup Current
D ±0.5-A Peak Output Current
D
125-ns Circuit Delay
D
Easier Parallelability
D
Improved Benefits of Current Mode Control
DESCRIPTION
The UCC3806 family of BiCMOS PWM controllers
offers exceptionally improved performance with a
familiar architecture. With the same block diagram
and pinout of the popular UC3846 series, the
UCC3806 line features increased switching
frequency capability while greatly reducing the
bias current used within the device. With a typical
startup current of 50 μA and a well defined voltage
threshold for turn-on, these devices are favored
for applications ranging from off-line power
supplies to battery operated portable equipment.
Dual high-current, MOSFET driving outputs and a
fast current sense loop further enhance device
versatility.
All the benefits of current mode control including
simpler loop closing, voltage feed-forward,
parallelability with current sharing, pulse-by-pulse
current
limiting,
and
push/pull
symmetry
correction are readily achievable with the
UCC3806 series.
These devices are available in multiple package
options for both through-hole and surface mount
applications; and in commercial, industrial, and
military temperature ranges.
The UCC1806 is specified for operation from
--55°C to 125°C, the UCC2806 is specified for
operation from --40°Cto85°C, and the UCC3806
is specified for operation from 0°Cto70°C.
SIMPLIFIED APPLICATION DIAGRAM
2
8
5
1
6
11
14
16
INV
AOUT
BOUT
VREF
CT
NI
CURLIM
UCC3806
10
9
SYNC
RT
4
CS+
VIN
15
13
VC
7
COMP
CS--
3
12
GND
UC39431
+VIN
+VOUT
SHUT
DOWN
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 1999 -- 2006, Texas Instruments Incorporated


Similar Part No. - UCC2806NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2806NG4 TI1-UCC2806NG4 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
More results

Similar Description - UCC2806NG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2806 TI-UCC2806 Datasheet
726Kb / 21P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI1-UCC1806_16 Datasheet
1Mb / 33P
[Old version datasheet]   LOW-POWER, DUAL-OUTPUT, CURRENT-MODE PWM CONTROLLER
UCC1806 TI-UCC1806 Datasheet
119Kb / 7P
[Old version datasheet]   Low Power, Dual Output, Current Mode PWM Controller
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
[Old version datasheet]   BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1256 ONSEMI-NCP1256 Datasheet
398Kb / 24P
   Low Power Offline PWM Current Mode Controller
December, 2015 ??Rev. 3
logo
Texas Instruments
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
[Old version datasheet]   BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com