Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28250PW Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28250PW
Description  Advanced PWM Controller With Pre-Bias Operation
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28250PW Datasheet(HTML) 4 Page - Texas Instruments

  UCC28250PW Datasheet HTML 1Page - Texas Instruments UCC28250PW Datasheet HTML 2Page - Texas Instruments UCC28250PW Datasheet HTML 3Page - Texas Instruments UCC28250PW Datasheet HTML 4Page - Texas Instruments UCC28250PW Datasheet HTML 5Page - Texas Instruments UCC28250PW Datasheet HTML 6Page - Texas Instruments UCC28250PW Datasheet HTML 7Page - Texas Instruments UCC28250PW Datasheet HTML 8Page - Texas Instruments UCC28250PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 53 page
background image
UCC28250
SLUSA29C
– APRIL 2010 – REVISED JULY 2011
www.ti.com
ELECTRICAL CHARACTERISTICS
(1) (continued)
VDD = 12 V, 1-
µF capacitor from VDD and VREF to GND, TA = TJ = -40°C to 125°C, RT = 75 kΩ connected to ground to set
FSW = 200 kHz (unless otherwise noted).
PARAMETER
TEST CONDITION
MIN
TYP
MAX
UNITS
Oscillator
Nominal switching frequency
FSW(nom)
at OUTA or OUTB set by RT
RT/SYNC = 75 k
Ω, RSP = 20 kΩ
185
200
215
resistor
kHz
Minimum switching frequency
FSW(min_sync)
at OUTA or OUTB set by
fRT/SYNC = 100 kHz
85
external sync frequency
Maximum switching
frequency at OUTA or OUTB
FSW(max_sync)
fRT/SYNC = 2.5 MHz
1.15
MHz
set by external sync
frequency
External synchronization
1
signal high
V
External synchronization
0.2
signal low
Voltage Reference
VDD = from 7 V to 17 V, IVREF = 2 mA
3.22
3.30
3.38
VVREF
Output voltage
V
0
< IREF < 10 mA
3.22
3.30
3.38
Short circuit current
VREF = 3 V, TJ = 25°C
12
25
40
mA
Current Sense, Cycle-by-Cycle Current Limit With Hiccup
VILIM
ILIM cycle-by-cycle threshold
0.495
0.502
0.509
V
Propagation delay from ILIM
TPDILIM
Exclude leading edge blanking
15
25
36
ns
to OUTA and OUTB outputs
TBLANK
leading edge blanking
40
60
90
ns
Current limit shutdown delay
Measured at HICC pin
55
75
95
timing program current
µA
Hiccup timing program
Measured at HICC pin
2
2.7
3.5
current
Current limit shutdown delay
VHICC_SD
0.55
0.60
0.65
timer threshold at HICC
VHICC_PU
HICC pull-up threshold
2.3
2.4
2.5
V
VHICC_RST
Hiccup restart threshold
0.25
0.30
0.35
10-V ramp charging voltage source with 40-k
Ω
VCS(max)
RAMP/CS clamp voltage
3.5
4.0
4.5
current limiting resistor
4
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated
Product Folder Link(s): UCC28250


Similar Part No. - UCC28250PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250PW TI-UCC28250PW Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWR TI-UCC28250PWR Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250PWT TI-UCC28250PWT Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
More results

Similar Description - UCC28250PW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28250 TI-UCC28250_15 Datasheet
997Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251 Datasheet
902Kb / 54P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250_10 Datasheet
758Kb / 48P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28250 TI-UCC28250 Datasheet
761Kb / 50P
[Old version datasheet]   Advanced PWM Controller With Pre-Bias Operation
UCC28251 TI1-UCC28251_16 Datasheet
1Mb / 55P
[Old version datasheet]   Advanced PWM Controller With Prebias Operation
UCC28251 TI-UCC28251_15 Datasheet
1Mb / 55P
[Old version datasheet]   UCC28251 Advanced PWM Controller With Prebias Operation
logo
Microsemi Corporation
LX1660 MICROSEMI-LX1660 Datasheet
323Kb / 15P
   ADVANCED PWM CONTROLLER
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
logo
Anpec Electronics Corop...
APW7016 ANPEC-APW7016 Datasheet
114Kb / 11P
   Advanced PWM Power Controller
logo
Texas Instruments
UC1638 TI1-UC1638_13 Datasheet
4Mb / 16P
[Old version datasheet]   Advanced PWM Motor Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com