Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC3808D-2G4 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC3808D-2G4
Description  LOW POWER CURRENT MODE PUSH-PULL PWM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC3808D-2G4 Datasheet(HTML) 3 Page - Texas Instruments

  UCC3808D-2G4 Datasheet HTML 1Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 2Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 3Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 4Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 5Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 6Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 7Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 8Page - Texas Instruments UCC3808D-2G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
UCC2808-1, UCC2808-2, UCC3808-1, UCC3808-2
LOW POWER CURRENT MODE PUSH-PULL PWM
SLUS168D – APRIL 1999 – REVISED AUGUST 2002
3
www.ti.com
electrical characteristics, TA = 0°C to 70°C for the UCC3808–x, –40°C to 85°C for the UCC2808–x and –55°C
to 125
°C for the UCC1808–x, VDD = 10 V (See Note 6), 1 µF capacitor from VDD to GND, R = 22 kΩ, C = 330 pF,
TA = TJ, (unless otherwise specified)
oscillator section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Oscillator frequency
175
194
213
kHz
Oscillator amplitude/VDD
See Note 1
0.44
0.5
0.56
V/V
error amplifier section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
COMP = 2 V
1.95
2
2.05
V
Input bias current
–1
1
µA
Open loop voltage gain
60
80
dB
COMP sink current
FB = 2.2 V,
COMP = 1 V
0.3
2.5
mA
COMP source current
FB = 1.3 V,
COMP = 3.5 V
–0.2
–0.5
mA
PWM section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Maximum duty cycle
Measured at OUTA or OUTB
48%
49%
50%
Minimum duty cycle
COMP = 0 V
0%
current sense section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Gain
See Note 2
1.9
2.2
2.5
V/V
Maximum input signal
COMP = 5 V,
See Note 3
0.45
0.5
0.55
V
CS to output delay
COMP = 3.5 V,
CS from 0 to 600 mV
100
200
ns
CS source current
–200
nA
Over current threshold
0.7
0.75
0.8
V
COMP to CS offset
CS = 0 V
0.35
0.8
1.2
V
NOTES:
1. Measured at RC. Signal amplitude tracks VDD.
2. Gain is defined by: A
+
DV
COMP
DV
CS
,0
v V
CS v
0.4 V,
3. Parameter measured at trip point of latch with FB at 0V.
4. Start threshold and zener shunt threshold track one another.
5. For UCCx808–1, set VDD above the start threshold before setting at 10 V.
6. Does not include current in the external oscillator network.


Similar Part No. - UCC3808D-2G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC3808D-2G4 TI1-UCC3808D-2G4 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
More results

Similar Description - UCC3808D-2G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC2808-1 TI-UCC2808-1 Datasheet
173Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI-UCC2808A-1EP Datasheet
181Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC3808 TI-UCC3808 Datasheet
152Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC1808- TI-UCC1808- Datasheet
148Kb / 7P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_15 Datasheet
812Kb / 17P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI1-UCC2808A-1_16 Datasheet
719Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1EP TI1-UCC2808A-1EP_14 Datasheet
731Kb / 13P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808A-1Q1 TI-UCC2808A-1Q1_09 Datasheet
257Kb / 11P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
UCC2808-1 TI1-UCC2808-1_15 Datasheet
957Kb / 22P
[Old version datasheet]   Low Power Current Mode Push-Pull PWM
UCC2808A-1 TI-UCC2808A-1 Datasheet
160Kb / 10P
[Old version datasheet]   LOW POWER CURRENT MODE PUSH-PULL PWM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com