Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28600DG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28600DG4
Description  8-Pin Quasi-Resonant Flyback Green-Mode Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28600DG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button UCC28600DG4 Datasheet HTML 6Page - Texas Instruments UCC28600DG4 Datasheet HTML 7Page - Texas Instruments UCC28600DG4 Datasheet HTML 8Page - Texas Instruments UCC28600DG4 Datasheet HTML 9Page - Texas Instruments UCC28600DG4 Datasheet HTML 10Page - Texas Instruments UCC28600DG4 Datasheet HTML 11Page - Texas Instruments UCC28600DG4 Datasheet HTML 12Page - Texas Instruments UCC28600DG4 Datasheet HTML 13Page - Texas Instruments UCC28600DG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
CBULK
FEEDBACK
CSS
RCS
ROVP1
ROVP2
CVDD
D1
RSU
RPL
TL431
2
1
6
SS
VDD
4
GND
5
OUT
FB
8
3
CS
7
OVP
STATUS
UCC28600
CBP
100nF
RST2
RST1
COUT
PRIMARY
SECONDARY
N1
NB
N2
VOUT
+
-
+
-
VBULK
ICC
RVDD
QST
ROUT
RSNUB
CSNUB
M1
PFC OUTPUT
or
BRIDGE RECTIFIER
PFC CONTROLLER BIAS
(if used)
CBIAS
D2
UCC28600
SLUS646J
– NOVEMBER 2005 – REVISED JULY 2011
www.ti.com
Figure 1. Pin Termination Schematic
10
Copyright
© 2005–2011, Texas Instruments Incorporated


Similar Part No. - UCC28600DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600DG4 TI1-UCC28600DG4 Datasheet
1,021Kb / 32P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
More results

Similar Description - UCC28600DG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28600-Q1 TI-UCC28600-Q1_15 Datasheet
961Kb / 31P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI1-UCC28600_14 Datasheet
1,021Kb / 32P
[Old version datasheet]   8-Pin Quasi-Resonant Flyback Green-Mode Controller
UCC28600-Q1 TI1-UCC28600-Q1_14 Datasheet
1,014Kb / 32P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600-Q1 TI1-UCC28600-Q1 Datasheet
635Kb / 30P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN-MODE CONTROLLER
UCC28600 TI-UCC28600 Datasheet
354Kb / 25P
[Old version datasheet]   8-PIN QUASI-RESONANT FLYBACK GREEN MODE CONTROLLER
UCC28600 TI-UCC28600_15 Datasheet
1Mb / 44P
[Old version datasheet]   UCC28600 8-Pin Quasi-Resonant Flyback Green-Mode Controller
logo
Diodes Incorporated
AP33510 DIODES-AP33510 Datasheet
1Mb / 12P
   QUASI-RESONANT FLYBACK GAN CONTROLLER
Rev. 4 - 2 July 2022
logo
ON Semiconductor
NCP1342 ONSEMI-NCP1342_V01 Datasheet
1Mb / 43P
   Quasi-Resonant Flyback Controller, High Frequency
May, 2022 - Rev. 24
NCP1342 ONSEMI-NCP1342 Datasheet
882Kb / 41P
   High Frequency Quasi-Resonant Flyback Controller
December, 2017 ??Rev. 1
NCP1343 ONSEMI-NCP1343 Datasheet
705Kb / 42P
   High Frequency Quasi- Resonant Flyback Controller
March, 2021 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com