Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCC28517 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # UCC28517
Description  ADVANCED PFC/PWM COMBINATION CONTROLLERS
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

UCC28517 Datasheet(HTML) 5 Page - Texas Instruments

  UCC28517 Datasheet HTML 1Page - Texas Instruments UCC28517 Datasheet HTML 2Page - Texas Instruments UCC28517 Datasheet HTML 3Page - Texas Instruments UCC28517 Datasheet HTML 4Page - Texas Instruments UCC28517 Datasheet HTML 5Page - Texas Instruments UCC28517 Datasheet HTML 6Page - Texas Instruments UCC28517 Datasheet HTML 7Page - Texas Instruments UCC28517 Datasheet HTML 8Page - Texas Instruments UCC28517 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
UCC28510, UCC28511, UCC28512, UCC28513,
UCC28514, UCC28515, UCC28516, UCC28517
SLUS517C − DECEMBER 2002 − REVISED SEPTEMBER 2005
5
www.ti.com
ELECTRICAL CHARACTERISTICS
TA = –40°C to 105°C for the UCC2851x, TA = TJ, VCC = 12 V, RT = 156 kΩ, RCT_BUFF = 10 kΩ
(unless otherwise noted)
current amplifier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input offset voltage
VCM = 0 V,
VCAOUT = 3 V
–5
0
5
mV
Input bias current
VCM = 0 V,
VCAOUT = 3 V
−50
−100
nA
Input offset current
VCM = 0 V,
VCAOUT = 3 V
25
100
nA
Open loop gain
VCM = 0 V,
2 V
≤ VCAOUT ≤ 5 V
90
dB
Common−mode rejection ratio
0 V
≤ VCM ≤ 1.5 V, VCAOUT = 3 V
80
dB
High-level output voltage
ILOAD = –500 µA
5.6
6.3
7.0
V
Low-level output voltage
ILOAD = 500 µA
0
0.2
0.5
V
Gain bandwidth product(1)
See Note 1
2.0
MHz
oscillator
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
fPWM, PWM frequency, initial accuracy
TA = 25°C
170
200
230
kHz
Frequency, voltage stability
10.8 V
≤ VCC ≤ 15 V
−1%
1%
Frequency, total variation
Line, Temp
160
240
kHz
dc-to-dc ramp peak voltage
4.5
5.0
5.5
dc-to-dc ramp amplitude voltage(1)
(peak-to-peak)
4.0
V
PFC ramp peak voltage
4.5
5.0
5.5
V
PFC ramp amplitude voltage (peak-to-peak)
3.5
4.0
4.5
voltage reference
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input voltage
25
°C
7.39
7.50
7.61
V
Input voltage
Over temperature
7.35
7.50
7.65
V
Load regulation
IREF = −1 mA to −6 mA
5
15
mV
Line regulation
10.8 V
≤ VCC ≤ 15 V
1
10
mV
Short circuit current
VREF = 0V
−20
–25
−50
mA
peak current limit
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
PKLMT reference voltage
–20
0
20
mV
PKLMT propagation delay
PKLMT to GT1
150
300
500
ns
multiplier
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IMOUT, high-line low-power output current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 1.25 V
−3
–6
−9
IMOUT, high-line high-power output current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 5 V
−75
–90
−110
IMOUT, low-line low-power output current
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 1.25 V
−10
–15
−50
µA
IMOUT, low-line high-power output current
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 5 V
−245
–290
−330
µA
IMOUT, IAC-limited output current
IAC = 150 µA, VFF = 1.3 V,
VAOUT = 5 V
−245
–290
−330
Gain constant (k)
IAC = 300 µA, VFF = 2.8 V,
VAOUT = 2.5 V
0.8
1
1.2
1/V
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 0.25 V
0
–0.2
µA
IMOUT, zero current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 0.25 V
0
–0.2
µA
IMOUT, zero current
IAC = 500 µA, VFF = 4.7 V,
VAOUT = 0.5 V
0
–0.2
µA
Power limit (IMOUT × VFF)
IAC = 150 µA, VFF = 1.4 V,
VAOUT = 5 V
−343
–406
−462
µW
1. Ensured by design. Not 100% tested in production.


Similar Part No. - UCC28517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28517 TI-UCC28517 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28517DW TI-UCC28517DW Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC28517DW TI-UCC28517DW Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28517DWR TI-UCC28517DWR Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28517N TI-UCC28517N Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
More results

Similar Description - UCC28517

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28510 TI-UCC28510 Datasheet
563Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLERS
UCC38517 TI-UCC38517 Datasheet
725Kb / 39P
[Old version datasheet]   ADVANCED PFC/PWM COMBINA CONTROLLERS
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
logo
Fuji Electric
FA5533 FUJI-FA5533 Datasheet
244Kb / 3P
   PFC / PWM Combination
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com